전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NC3W093AT 데이터시트(PDF) 4 Page - NICHIA CORPORATION

부품명 NC3W093AT
상세설명  WHITE LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHIA [NICHIA CORPORATION]
홈페이지  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NC3W093AT 데이터시트(HTML) 4 Page - NICHIA CORPORATION

  NC3W093AT Datasheet HTML 1Page - NICHIA CORPORATION NC3W093AT Datasheet HTML 2Page - NICHIA CORPORATION NC3W093AT Datasheet HTML 3Page - NICHIA CORPORATION NC3W093AT Datasheet HTML 4Page - NICHIA CORPORATION NC3W093AT Datasheet HTML 5Page - NICHIA CORPORATION NC3W093AT Datasheet HTML 6Page - NICHIA CORPORATION NC3W093AT Datasheet HTML 7Page - NICHIA CORPORATION NC3W093AT Datasheet HTML 8Page - NICHIA CORPORATION NC3W093AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NICHIA STS-DA1-4516C <Cat.No.180731>
3
CHROMATICITY DIAGRAM
asw60
sw57
6020K
5310K
0.20
0.25
0.30
0.35
0.40
0.45
0.20
0.25
0.30
0.35
0.40
0.45
x
黒体放射軌跡
Blackbody Locus


유사한 부품 번호 - NC3W093AT

제조업체부품명데이터시트상세설명
logo
NICHIA CORPORATION
NC3W121A NICHIA-NC3W121A Datasheet
452Kb / 18P
Built-in ESD Protection Device
NC3W321BT NICHIA-NC3W321BT Datasheet
256Kb / 17P
WHITE LED
More results

유사한 설명 - NC3W093AT

제조업체부품명데이터시트상세설명
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com