전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

URA2405ZP-10WR3 데이터시트(PDF) 2 Page - MORNSUN Science& Technology Ltd.

부품명 URA2405ZP-10WR3
상세설명  10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA2405ZP-10WR3 데이터시트(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  URA2405ZP-10WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA2405ZP-10WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA2405ZP-10WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA2405ZP-10WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA2405ZP-10WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
URA_ZP-10WR3 & URB_ZP-10WR3 Series
2018.08.21-A/2
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input impulse Voltage (1sec. max.)
24VDC nominal input series
-0.7
--
50
VDC
48VDC nominal input series
-0.7
--
100
Starting Voltage
24VDC nominal input series
--
--
9
48VDC nominal input series
--
--
18
Input Under-voltage Protection
24VDC nominal input series
5.5
6.5
--
48VDC nominal input series
12
15.5
--
Input Filter
Pi filter
Hot Plug
Unavailable
Ctrl*
Module switch on
Ctrl suspended or connected to TTL high level
(3.5-12VDC)
Module switch off
Ctrl pin connected to GND or low level
(0-1.2VDC)
Input current when switched off
--
6
10
mA
Note: *The voltage of Ctrl pin is relative to input pin GND.
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
0%-100% load
3.3VDC/5VDC single output
--
± 0.5
± 2
%
others
--
±1
±3
Line Regulation
Full load, the input
voltage is from
low voltage tohigh
voltage
Positive output
--
±0.2
±0.5
Negative output
--
±0.5
±1
Load Regulation
5%-100% load
Positive output
--
±0.5
±1
Negative output
--
±0.5
±1.5
Cross Regulation
Dual output, main circuit with 50% load,
auxiliary circuit with 25%-100% load
--
--
±5
Transient Recovery Time
25% load step change,
nominal input voltage
--
300
500
µs
Transient Response Deviation
3.3VDC/5VDC single output
--
±5
±8
%
others
--
±3
±5
Temperature Drift Coefficient
Full load
--
--
±0.03
%/℃
Ripple*&Noise
20MHz bandwidth
--
40
80
mV p-p
Output Over-voltage Protection
Input voltage range
110
--
160
%Vo
Output Over-current Protection
Input voltage range
3.3VDC/5VDC single output
110
160
230
%Io
others
110
140
190
Short circuit Protection
Input voltage range
Continuous, self-recovery
Note:
At 0%-5% load, the Max. output voltage accuracy of ±5VDC output converter is ±5%, the Max. output voltage accuracy of 3.3VDC 5VDC output converter
is ±3%;
When testing from 0%-100%load working conditions,load regulation index of ±5%;
0%-5% load ripple&Noise is no more than 5%Vo.Ripple and noise tested with “parallel cable” method, please see
DC-DC Converter Application Notes for
specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and the
leak current lower than 1mA
1500
--
--
VDC
Insulation Resistance
Input-output, insulation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
2000
--
pF
Operating Temperature
see Fig. 1
-40
--
+85
Storage Temperature
-55
--
+125
Storage Humidity
Non-condensing
5
--
95
%RH
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
+300


유사한 부품 번호 - URA2405ZP-10WR3

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
More results

유사한 설명 - URA2405ZP-10WR3

제조업체부품명데이터시트상세설명
logo
Microdc power Technolog...
15B-ZPD MICRODC-15B-ZPD Datasheet
725Kb / 3P
15W, WIDE INPUT, DIP PACKAGE,ISOLATED REGULATED SINGLE OUTPUT DC-DC CONVERTER
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB1203S-10WR3 MORNSUN-VRB1203S-10WR3 Datasheet
877Kb / 5P
10W, wide input, isolated & regulated single output, SIP package, DC-DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRB1205YMD-10WR3 MORNSUN-VRB1205YMD-10WR3 Datasheet
1Mb / 6P
10W,wide input isolated & regulated single output, DIP packaging, DC-DC converter
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URB2403S-10WR3 MORNSUN-URB2403S-10WR3 Datasheet
879Kb / 5P
10W, Ultra wide input, isolated & regulated single output, SIP package, DC-DC converter
URB2405JMDT-10W MORNSUN-URB2405JMDT-10W Datasheet
1Mb / 6P
10W, Ultra wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com