전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDS-A403RI 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 LDS-A403RI
상세설명  YELLOW SEVEN SEGMENT DISPLAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LDS-A403RI 데이터시트(HTML) 1 Page - LUMEX INC.

  LDS-A403RI Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - LDS-A403RI

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
LDS-A404RI LUMEX-LDS-A404RI Datasheet
71Kb / 1P
635nm RED CHIPS, GRAY FACE, WHITE SEGMENTS
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
RED, SEVEN SEGMENT DISPLAY
LDS-A406RI LUMEX-LDS-A406RI Datasheet
72Kb / 1P
660nm RED CHIPS GRAY FACE W. WHT SEG
More results

유사한 설명 - LDS-A403RI

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
10 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
Siemens Semiconductor G...
HD1075 SIEMENS-HD1075 Datasheet
648Kb / 6P
Seven Segment display 7mm
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
SEVEN SEGMENT DISPLAY 10mm
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
SEVEN SEGMENT DISPLAY 13MM
logo
Marktech Corporate
MTN1130-ASR MARKTECH-MTN1130-ASR Datasheet
49Kb / 1P
SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
SEVEN SEGMENT NUMERIC DISPLAY
logo
Kingbright Corporation
SA50-21GWA KINGBRIGHT-SA50-21GWA Datasheet
90Kb / 3P
14.2mm (0.50INCH) SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
Seven Segment Display
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
RED, SEVEN SEGMENT DISPLAY
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
Seven segment LED display
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com