전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4520E/ML 데이터시트(PDF) 117 Page - Microchip Technology

부품명 PIC18LF4520E/ML
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4520E/ML 데이터시트(HTML) 117 Page - Microchip Technology

Back Button PIC18LF4520E/ML Datasheet HTML 113Page - Microchip Technology PIC18LF4520E/ML Datasheet HTML 114Page - Microchip Technology PIC18LF4520E/ML Datasheet HTML 115Page - Microchip Technology PIC18LF4520E/ML Datasheet HTML 116Page - Microchip Technology PIC18LF4520E/ML Datasheet HTML 117Page - Microchip Technology PIC18LF4520E/ML Datasheet HTML 118Page - Microchip Technology PIC18LF4520E/ML Datasheet HTML 119Page - Microchip Technology PIC18LF4520E/ML Datasheet HTML 120Page - Microchip Technology PIC18LF4520E/ML Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 390 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39631A-page 115
PIC18F2420/2520/4420/4520
TABLE 10-7:
PORTD I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RD0/PSP0
RD0
0
O
DIG
LATD<0> data output.
1
I
ST
PORTD<0> data input.
PSP0
x
O
DIG
PSP read data output (LATD<0>); takes priority over port data.
x
I
TTL
PSP write data input.
RD1/PSP1
RD1
0
O
DIG
LATD<1> data output.
1
I
ST
PORTD<1> data input.
PSP1
x
O
DIG
PSP read data output (LATD<1>); takes priority over port data.
x
I
TTL
PSP write data input.
RD2/PSP2
RD2
0
O
DIG
LATD<2> data output.
1
I
ST
PORTD<2> data input.
PSP2
x
O
DIG
PSP read data output (LATD<2>); takes priority over port data.
x
I
TTL
PSP write data input.
RD3/PSP3
RD3
0
O
DIG
LATD<3> data output.
1
I
ST
PORTD<3> data input.
PSP3
x
O
DIG
PSP read data output (LATD<3>); takes priority over port data.
x
I
TTL
PSP write data input.
RD4/PSP4
RD4
0
O
DIG
LATD<4> data output.
1
I
ST
PORTD<4> data input.
PSP4
x
O
DIG
PSP read data output (LATD<4>); takes priority over port data.
x
I
TTL
PSP write data input.
RD5/PSP5/P1B
RD5
0
O
DIG
LATD<5> data output.
1
I
ST
PORTD<5> data input.
PSP5
x
O
DIG
PSP read data output (LATD<5>); takes priority over port data.
x
I
TTL
PSP write data input.
P1B
0
O
DIG
ECCP1 Enhanced PWM output, channel B; takes priority over port and
PSP data. May be configured for tri-state during Enhanced PWM
shutdown events.
RD6/PSP6/P1C
RD6
0
O
DIG
LATD<6> data output.
1
I
ST
PORTD<6> data input.
PSP6
x
O
DIG
PSP read data output (LATD<6>); takes priority over port data.
x
I
TTL
PSP write data input.
P1C
0
O
DIG
ECCP1 Enhanced PWM output, channel C; takes priority over port and
PSP data. May be configured for tri-state during Enhanced PWM
shutdown events.
RD7/PSP7/P1D
RD7
0
O
DIG
LATD<7> data output.
1
I
ST
PORTD<7> data input.
PSP7
x
O
DIG
PSP read data output (LATD<7>); takes priority over port data.
x
I
TTL
PSP write data input.
P1D
0
O
DIG
ECCP1 Enhanced PWM output, channel D; takes priority over port and
PSP data. May be configured for tri-state during Enhanced PWM
shutdown events.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; x = Don’t care
(TRIS bit does not affect port direction or is overridden for this option).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More