| 전자부품 데이터시트 검색엔진 |
|
PIC18F4420E/MLQTP 데이터시트(PDF) 375 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4420E/MLQTP 데이터시트(HTML) 375 Page - Microchip Technology |
|
375 / 390 page ![]() 2004 Microchip Technology Inc. Preliminary DS39631A-page 373 PIC18F2420/2520/4420/4520 APPENDIX E: MIGRATION FROM MID-RANGE TO ENHANCED DEVICES A detailed discussion of the differences between the mid-range MCU devices (i.e., PIC16CXXX) and the enhanced devices (i.e., PIC18FXXX) is provided in AN716, “Migrating Designs from PIC16C74A/74B to PIC18C442”. The changes discussed, while device specific, are generally applicable to all mid-range to enhanced device migrations. This Application Note is available as Literature Number DS00716. APPENDIX F: MIGRATION FROM HIGH-END TO ENHANCED DEVICES A detailed discussion of the migration pathway and dif- ferences between the high-end MCU devices (i.e., PIC17CXXX) and the enhanced devices (i.e., PIC18FXXX) is provided in AN726, “PIC17CXXX to PIC18CXXX Migration”. This Application Note is available as Literature Number DS00726. |