전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTS5169-VEC-GR 데이터시트(PDF) 7 Page - Realtek Semiconductor Corp.

부품명 RTS5169-VEC-GR
상세설명  USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  REALTEK [Realtek Semiconductor Corp.]
홈페이지  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTS5169-VEC-GR 데이터시트(HTML) 7 Page - Realtek Semiconductor Corp.

Back Button RTS5169-VEC-GR Datasheet HTML 3Page - Realtek Semiconductor Corp. RTS5169-VEC-GR Datasheet HTML 4Page - Realtek Semiconductor Corp. RTS5169-VEC-GR Datasheet HTML 5Page - Realtek Semiconductor Corp. RTS5169-VEC-GR Datasheet HTML 6Page - Realtek Semiconductor Corp. RTS5169-VEC-GR Datasheet HTML 7Page - Realtek Semiconductor Corp. RTS5169-VEC-GR Datasheet HTML 8Page - Realtek Semiconductor Corp. RTS5169-VEC-GR Datasheet HTML 9Page - Realtek Semiconductor Corp. RTS5169-VEC-GR Datasheet HTML 10Page - Realtek Semiconductor Corp. RTS5169-VEC-GR Datasheet HTML 11Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RTS5169
Datasheet
4. Pin Assignments
2
xD_D4
SC_RST
xD_RDY
xD_CE#
xD_CLE
AG_PLL
xD_ALE
NC
SD_CD#
SD_WP
xD_CD#
SC_CD#
SC_PWR
12345 6 7 89 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
24
MS_BS/xD_D5
SC_CK
SC_5V_CTRL#
SC_IO
RST#
GPIO4
MODE_SEL
SD_DAT3/xD_WE#
SD_DAT2/xD_RE#
DGND
LLLLLLL
GXXXVV
RTS5169
NC
USB2.0 SD/MMC/MS/MSPRO/xD & SM/SIM Card Reader
4
Rev1.2


유사한 부품 번호 - RTS5169-VEC-GR

제조업체부품명데이터시트상세설명
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
RTS5138-GR REALTEK-RTS5138-GR Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results

유사한 설명 - RTS5169-VEC-GR

제조업체부품명데이터시트상세설명
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
Winbond USB Interface MS/SD/MMC Reader
logo
GENESYS LOGIC
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
USB 2.0 MS/ MS PRO/ SD/ MMC Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com