전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-1409 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 D-1409
상세설명  standard straight tips
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

D-1409 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  D-1409 Datasheet HTML 1Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 2Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 3Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 4Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 5Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 6Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 7Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 8Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
1
RESISTANCE
WELDING PRODUCTS
The little “TUFFALOY man” is now seventy years old. It was
in 1937 that Welding Sales & Engineering Company of
Detroit introduced a new line of resistance welding alloys
tradenamed TUFFALOY. What began as just a part of a
general line of welding equipment soon became their main
business, as electrode holders and other resistance welding
accessories were added to the TUFFALOY product line. Today
this now-familiar name represents the most innovative and
respected resistance welding alloy and accessory company
in the field.
Even a catalog as comprehensive as this one does not fully
show everything TUFFALOY is capable of supplying. We have
the ability to answer needs that we have yet to hear about.
So, if you don’t find the answers in these pages, tell us what
you’re looking for. Let us work with you in finding solutions.
Call your TUFFALOY distributor or TUFFALOY
Customer Services at 1-800-521-3722
or 864-879-0763. (Fax: 864-877-2212)
Visit our Internet site at:
http://www.tuffaloy.com
STANDARD ELECTRONICS
RWMA Straight tips
2
TUFFCAP caps and shanks
5
Standard bent electrodes
8
Miscellaneous electrodes
11
Back up electrodes
12
Threaded electrodes
13
Swivel tips
14
Refractory metal-faced tips
14
WELDING TIP HOLDERS
Cylinder-mounted holders
15
Tip adapters
16
Multi-spot barrel and clamp
17
Straight holders
18
Offset holders and welder arms
22
Variable-offset holders
24
Paddle-type holders
25
Platen-mounted holders
28
Fast-follow-up holders
39
HIGH PRESSURE WELDING
Tips and holders
26
NUT AND STUD WELDING’
Tips and holders
29
Auto nut feeder system components
31
GH series nutwelding heads
32
5 RW stud electrodes
33
MULTIPLE WELDING
Dual-tip adapters
34
Dual-tip holders
35
Equa-Press holders
36
Triple-tip holders
38
RESISTANCE WELDING ALLOYS
Welder arms
22
Bar stock
40
Refractory metals and forgings
41
ACCESSORIES
Shunts and jumpers
42
Miscellaneous
43
Weld force gauges
44
WELDING DATA
46
HELPFUL SUGGESTIONS
49
STANDARD ELECTRODES
WELDING TIP HOLDERS
HIGH PRESSURE WELDING
NUT AND STUD WELDING
RESISTANCE WELDING ALLOYS
MULTIPLE WELDING
ACCESSORIES
TUFFALOY
table of contents
© Copyright Tuffaloy Products, 2007, 2009


유사한 부품 번호 - D-1409

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
D-141-13 MACOM-D-141-13 Datasheet
117Kb / 4P
   SolderSleeve Discrete Wire Terminators
D-141-22 MACOM-D-141-22 Datasheet
117Kb / 4P
   SolderSleeve Discrete Wire Terminators
D-141-30 MACOM-D-141-30 Datasheet
117Kb / 4P
   SolderSleeve Discrete Wire Terminators
logo
PANDUIT CORP.
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
   (105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-51 PANDUIT-D-142-51 Datasheet
95Kb / 1P
   (105째C) SOLDERSLEEVE LOW TEMPERATURE
More results

유사한 설명 - D-1409

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
   Soldering Tips
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
   SOLDERING TIPS
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
   L638xE tricks and tips
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
   Troubleshooting and Design Tips
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
   Replacement Tips For Test Probes
logo
List of Unclassifed Man...
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
   Soldering Tips and Nozzles
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
   PFC DESIGN TIPS & TECHNIQUES
logo
List of Unclassifed Man...
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
   Test Lead with Stackable Pin Tips
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
   Test Probe Set with Replaceable Tips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com