전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UTC339 데이터시트(PDF) 1 Page - Hangzhou Youwang Electronics Co., Ltd

부품명 UTC339
상세설명  QUAD DIFFERENTIAL COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YOUWANG [Hangzhou Youwang Electronics Co., Ltd]
홈페이지  http://www.youwang.com.cn/
Logo YOUWANG - Hangzhou Youwang Electronics Co., Ltd

UTC339 데이터시트(HTML) 1 Page - Hangzhou Youwang Electronics Co., Ltd

  UTC339 Datasheet HTML 1Page - Hangzhou Youwang Electronics Co., Ltd UTC339 Datasheet HTML 2Page - Hangzhou Youwang Electronics Co., Ltd UTC339 Datasheet HTML 3Page - Hangzhou Youwang Electronics Co., Ltd UTC339 Datasheet HTML 4Page - Hangzhou Youwang Electronics Co., Ltd UTC339 Datasheet HTML 5Page - Hangzhou Youwang Electronics Co., Ltd UTC339 Datasheet HTML 6Page - Hangzhou Youwang Electronics Co., Ltd UTC339 Datasheet HTML 7Page - Hangzhou Youwang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTC339
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
2007.02.08 V1.2
1
QUAD DIFFERENTIAL
COMPARATOR
DESCRIPTION
The UTC339 consists of four independent voltage
comparators designed specifically to operate from a
single power supply over a wide voltage range.
FEATURES
*Single or dual supply operation
*W ide operating supply range(Vcc=2V~36V)
*Input common-mode voltage includes ground
*Low supply current drain ICC=0.8mA(Typical)
*Open collector outputs for wired and connection
*Low input bias current Ibias=25nA(Typical)
*Low output saturation voltage
*Output compatible with TTL ,DTL, and CMOS logic
system
ORDERING INFORMATION
Device
Package
UTC339
DIP-14-300-2.54
UTC339E
SOP-14-225-1.27
UTC339V
TSSOP-14-225-0.65
ABSOLUTE MAXIMUM RATINGS(Ta=25°C )
Characteristic
Symbol
Value
Unit
Supply Voltage
Vcc
±18 OR 36
V
Differential input voltage
VIDiff)
36
V
Input Voltage
VI
-0.3~36V
V
Power Dissipation
Pd
570
mW
Operating Temperature
Topr
0 to +70
°C
Storage Temperature
Tstg
-65 to 150
°C


유사한 부품 번호 - UTC339

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
UTC339 ETC1-UTC339 Datasheet
83Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
More results

유사한 설명 - UTC339

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
QUAD DIFFERENTIAL COMPARATOR
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com