전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC817X0NSZ1B 데이터시트(PDF) 13 Page - Sharp Corporation

부품명 PC817X0NSZ1B
상세설명  DIP 4pin Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817X0NSZ1B 데이터시트(HTML) 13 Page - Sharp Corporation

Back Button PC817X0NSZ1B Datasheet HTML 6Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 7Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 8Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 9Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 10Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 11Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 12Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 13Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Sheet No.: OP18002EN
● Tape and Reel package
SMT Gullwing
Package materials
Carrier tape : PS
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
Dimensions List
A
B
C
D
E
F
G
16.00.3
7.50.1
1.750.10
8.00.1
2.00.1
4.00.1
1.50.1
0.0
H
I
J
K
10.30.1
0.400.05
4.00.1
5.30.1
Dimensions List
(Unit : mm)
a
b
c
d
330
17.51.5
1001
13.00.5
e
f
g
21.01
2.00.5
2.00.5
[Packing : 2,000pcs/reel]
PC817XxNSZ1B Series
(Unit : mm)
Direction of product insertion
Reel structure and Dimensions


유사한 부품 번호 - PC817X0NSZ1B

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC817X0NSZ0F SHARP-PC817X0NSZ0F Datasheet
952Kb / 13P
PC817XxNSZ0F Series DC Photocoupler
January 2006
More results

유사한 설명 - PC817X0NSZ1B

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC123B SHARP-PC123B Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com