전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC817X0NSZ1B 데이터시트(PDF) 5 Page - Sharp Corporation

부품명 PC817X0NSZ1B
상세설명  DIP 4pin Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817X0NSZ1B 데이터시트(HTML) 5 Page - Sharp Corporation

  PC817X0NSZ1B Datasheet HTML 1Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 2Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 3Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 4Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 5Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 6Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 7Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 8Page - Sharp Corporation PC817X0NSZ1B Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Model Line-up
Sheet No.: OP18002EN
5
Please contact a local SHARP sales representative to inquire about productionstatus.
Lead Form
Through-Hole
Rank mark
IC[mA]
(IF=5mA,
VCE=5V,
Ta=25˚C)
Package
Sleeve
100pcs/sleeve
Model No.
PC817XNNSZ1B
with or “_”
2.5~30
PC817X1NSZ1B
A
4.0~8.0
PC817X2NSZ1B
B
6.5~13
PC817X3NSZ1B
C
10~20
PC817X4NSZ1B
D
15~30
PC817X5NSZ1B
A or B
4.0~13
PC817X6NSZ1B
B or C
6.5~20
PC817X7NSZ1B
C or D
10~30
PC817X8NSZ1B
A, B or C
4.0~20
PC817X9NSZ1B
B, C or D
6.5~30
PC817X0NSZ1B
A, B, C or D
4.0~30
Lead Form
SMT Gullwing
Rank mark
IC[mA]
(IF=5mA,
VCE=5V,
Ta=25˚C)
Package
Taping
2,000pcs/reel
Model No.
PC817XNNIP1B
with or “_”
2.5~30
PC817X1NIP1B
A
4.0~8.0
PC817X2NIP1B
B
6.5~13
PC817X3NIP1B
C
10~20
PC817X4NIP1B
D
15~30
PC817X5NIP1B
A or B
4.0~13
PC817X6NIP1B
B or C
6.5~20
PC817X7NIP1B
C or D
10~30
PC817X8NIP1B
A, B or C
4.0~20
PC817X9NIP1B
B, C or D
6.5~30
PC817X0NIP1B
A, B, C or D
4.0~30
PC817XxNSZ1B Series


유사한 부품 번호 - PC817X0NSZ1B

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC817X0NSZ0F SHARP-PC817X0NSZ0F Datasheet
952Kb / 13P
PC817XxNSZ0F Series DC Photocoupler
January 2006
More results

유사한 설명 - PC817X0NSZ1B

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC123B SHARP-PC123B Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com