전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB86391 데이터시트(PDF) 9 Page - Fujitsu Component Limited.

부품명 MB86391
상세설명  MPEG2 1chip Audio/Video Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86391 데이터시트(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB86391 Datasheet HTML 5Page - Fujitsu Component Limited. MB86391 Datasheet HTML 6Page - Fujitsu Component Limited. MB86391 Datasheet HTML 7Page - Fujitsu Component Limited. MB86391 Datasheet HTML 8Page - Fujitsu Component Limited. MB86391 Datasheet HTML 9Page - Fujitsu Component Limited. MB86391 Datasheet HTML 10Page - Fujitsu Component Limited. MB86391 Datasheet HTML 11Page - Fujitsu Component Limited. MB86391 Datasheet HTML 12Page - Fujitsu Component Limited. MB86391 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
FUJITSU LIMITED
Proprietary and Confidential
MB86391
12, November 2001
Product Specification
Rev. 1.1
5
1.4
Block Diagram
Fig. 1.4 shows a block outline diagram of this LSI and Table 1.4 lists the functional overviews of major blocks.
Fig. 1.4 : MB86391 block diagram
Table 1.4 : Overview of major block functions
Block name
Functional overview
Video encoder
Encodes video data input from the TBC controller to create video streams.
Audio encoder
Encodes audio data input from outside to create audio streams.
Multiplexer
Multiplexes video and audio streams generated by video and audio
encoders to generate 8bit parallel stream data for output to outside.
Controller
Controls the entire MB86391 using dedicated firmware.
TBC controller
Stores video data input from outside in an external SDRAM and theninput it
to the video encoder. The TBC (Time Base Corrector) function is
accomplished by buffering video data in the SDRAM.
Host/SDRAM interface controller
Arbitrates SDRAM and MB86391 internal register access requests from
MB86391 internal blocks and external master devices. Also used as the
command interface with the host.
Serial interface
controller
Downloads dedicated firmware to the external SDRAM via this interface at
the time of serial booting. Also used as a command interface with the host.
Video PES converter
Converts the format of video streams the video encoder has generated and
outputs to the multiplexer.
DMA controller
Controls DMA transfer among MB86391 blocks and external SDRAMs.
Boot ROM
Stores the boot program for the internal controller.
Video encoder
Audio encoder
Controller
(32bit RISC
processor)
Multiplexer
TBC controller
Serial interface
controller
Boot
ROM
Host/SDRAM
interface
controller
SRAM
(8k
×8)
MB86391
Serial interface
Host/SDRAM
interface
Video encoding
SDRAM
interface
Audio input interface
Video input interface
Bit stream output
port
PLL
Clock input
(27MHz)
27MHz
54MHz


유사한 부품 번호 - MB86391

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
MPEG-2 Single Chip Audio/Video Encoder
More results

유사한 설명 - MB86391

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
MPEG2 audio decoder
1997 Jul 02
SAA6750H PHILIPS-SAA6750H Datasheet
217Kb / 60P
Encoder for MPEG2 image recording EMPIRE
2000 May 03
logo
Fujitsu Component Limit...
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
MPEG-2 Single Chip Audio/Video Encoder
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
Fujitsu Component Limit...
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
Panasonic Semiconductor
MN85571AC PANASONIC-MN85571AC Datasheet
168Kb / 16P
Single-Chip Audio/Video MPEG2 Encoder
logo
NEC
UPD61051 NEC-UPD61051 Datasheet
824Kb / 106P
MOS INTEGRATED CIRCUIT MPEG2 AUDIO/VIDEO ENCODER
logo
List of Unclassifed Man...
AV3168 ETC1-AV3168 Datasheet
196Kb / 24P
Video Encoder
logo
Broadcom Corporation.
BCM7041 BOARDCOM-BCM7041 Datasheet
104Kb / 2P
SIMULTANEOUS DUAL-CHANNEL DIGITAL VIDEO/AUDIO ENCODER
logo
ESS Technology,Inc
ES7010 ESS-ES7010 Datasheet
67Kb / 4P
MPEG2 AV Encoder Prod uct Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com