전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB86391 데이터시트(PDF) 10 Page - Fujitsu Component Limited.

부품명 MB86391
상세설명  MPEG2 1chip Audio/Video Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86391 데이터시트(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB86391 Datasheet HTML 6Page - Fujitsu Component Limited. MB86391 Datasheet HTML 7Page - Fujitsu Component Limited. MB86391 Datasheet HTML 8Page - Fujitsu Component Limited. MB86391 Datasheet HTML 9Page - Fujitsu Component Limited. MB86391 Datasheet HTML 10Page - Fujitsu Component Limited. MB86391 Datasheet HTML 11Page - Fujitsu Component Limited. MB86391 Datasheet HTML 12Page - Fujitsu Component Limited. MB86391 Datasheet HTML 13Page - Fujitsu Component Limited. MB86391 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
FUJITSU LIMITED
Proprietary and Confidential
MB86391
12, November 2001
Product Specification
Rev. 1.1
6
2 Pin Description
2.1
I/O Signals
Fig. 2.1 shows the I/O signals of this LSI.
Fig. 2.1 : I/O signal diagram
MB86391
CLKSEL
MCLKI
XRESET
BCLK
ADRS27:26
D31:0
ADRS17:2
XAS
XRDWR
XCS0
XCS5:4
XBMREQ
XBREQ
XBGRNT
BUSDIR
XREADY
XERROR
IRQ9:8
XSPWE
XSPCAS
XSPRAS
SPCKE
SPSDCLK
SDADRS11:0
SDDATA31:0
XSDCS
SDDQM
XSDWE
XSDCAS
XSDRAS
SDCLK
SDCKE
VCLK
XVSYNC
XHSYNC
FIELD
XVALID
DVIDEO7:0
ASCLK
ADATA
ALRCK
ACLK
SCLK
SDATAIN
SDATAOUT
Test signals
Video encoding
SDRAM interfaces
(51 in total)
Video input interfaces
(13 in total)
Audio input interfaces
(4 in total)
Serial interfaces
(3 in total)
(3 in total)
Overall control signals
(4 in total)
PLLTHR
Host/SDRAM
interfaces
(71 in total)
STREQ
STEN
TSPSSYNC
STDATA7:0
Bit stream output ports
(12 in total)
Power/GND
(47 in total)
XBUSEN
Total external pin count :208
XEXTIRPT
12
32
8
2
16
32
2
2
47
3
8
STCLK


유사한 부품 번호 - MB86391

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
MPEG-2 Single Chip Audio/Video Encoder
More results

유사한 설명 - MB86391

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
MPEG2 audio decoder
1997 Jul 02
SAA6750H PHILIPS-SAA6750H Datasheet
217Kb / 60P
Encoder for MPEG2 image recording EMPIRE
2000 May 03
logo
Fujitsu Component Limit...
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
MPEG-2 Single Chip Audio/Video Encoder
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
Fujitsu Component Limit...
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
Panasonic Semiconductor
MN85571AC PANASONIC-MN85571AC Datasheet
168Kb / 16P
Single-Chip Audio/Video MPEG2 Encoder
logo
NEC
UPD61051 NEC-UPD61051 Datasheet
824Kb / 106P
MOS INTEGRATED CIRCUIT MPEG2 AUDIO/VIDEO ENCODER
logo
List of Unclassifed Man...
AV3168 ETC1-AV3168 Datasheet
196Kb / 24P
Video Encoder
logo
Broadcom Corporation.
BCM7041 BOARDCOM-BCM7041 Datasheet
104Kb / 2P
SIMULTANEOUS DUAL-CHANNEL DIGITAL VIDEO/AUDIO ENCODER
logo
ESS Technology,Inc
ES7010 ESS-ES7010 Datasheet
67Kb / 4P
MPEG2 AV Encoder Prod uct Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com