전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QT50R-AF2 데이터시트(PDF) 6 Page - Banner Engineering Corp.

부품명 QT50R-AF2
상세설명  R-GAGE짰 QT50R-AF2 Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-AF2 데이터시트(HTML) 6 Page - Banner Engineering Corp.

  QT50R-AF2 Datasheet HTML 1Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 2Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 3Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 4Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 5Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 6Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Windows
The R-GAGE sensor can be placed behind a glass or a plastic window, but the configuration must be tested and the
distance from the sensor to the window must be determined and controlled prior to installation. There is typically a 20%
signal reduction when the sensor is placed behind a window.
Polycarbonate at 4 mm thickness performs well in most situations, but the performance depends on filler materials.
Thinner (1 to 3 mm) windows have high reflection. The amount of reflection depends on the material, thickness, and
distance from the sensor to the window.
Locate the sensor in a position of minimum reflection from the window, which will repeat every 6.1 mm of distance
between the sensor and the window. The positions of maximum reflection from the window repeat between the minimums,
and decrease in effect until the window is approximately 150 mm (5.9 in) away. Consult the factory for pre-tested window
materials which can be used at any distance without issue.
Additionally, the face of the window should be protected from flowing water and ice by use of a flow diverter or hood
directly above the window. Falling rain or snow in the air in front of the window, light water mist, or small beads on the
face of the window are typically not an issue. However, a thick, continuous surface of water or ice directly on the face of
the window can be detected as a dielectric boundary.
Wiring
shield (QD cordset)
3
1
2
4
5
12-30V dc
Load 1
Load 2
+
Wiring Key:
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray (Do not connect
NOTE: Banner recommends that the shield
wire (quick disconnect (QD) fitting cordsets
only) be connected to earth ground or dc
common. Shielded cordsets are recommended
for all QD models.
Accessories
Quick Disconnect (QD) Cordsets
5-Pin Threaded M12/Euro-Style Cordsets—with Shield
Model
Length
Style
Dimensions
Pinout (Female)
MQDEC2-506
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDEC2-515
4.57 m (15 ft)
MQDEC2-530
9.14 m (30 ft)
MQDEC2-550
15.2 m (50 ft)
MQDEC2-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDEC2-515RA
4.57 m (15 ft)
MQDEC2-530RA
9.14 m (30 ft)
MQDEC2-550RA
15.2 m (50 ft)
R-GAGE® QT50R-AF2 Sensor
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 187234 Rev. C


유사한 부품 번호 - QT50R-AF2

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
More results

유사한 설명 - QT50R-AF2

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-RH BANNER-QT50R-RH Datasheet
592Kb / 8P
   R-GAGE짰 QT50R-RH Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2L BANNER-Q240RA-AF2L Datasheet
738Kb / 10P
   R-GAGE짰 Q240RA-AF2L Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com