전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QT50R-AF2 데이터시트(PDF) 3 Page - Banner Engineering Corp.

부품명 QT50R-AF2
상세설명  R-GAGE짰 QT50R-AF2 Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-AF2 데이터시트(HTML) 3 Page - Banner Engineering Corp.

  QT50R-AF2 Datasheet HTML 1Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 2Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 3Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 4Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 5Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 6Page - Banner Engineering Corp. QT50R-AF2 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Distance Settings
* Default settings
Switch 1
Switch 2
Switch 3
EU, KR Models
TW, US Models
All
Zone 1
Zone 1
Zone 2
0
0
0
3 m (9.8 ft)
3.5 m (11.5 ft)
8 m (26.2 ft)
0
0
1
4 m (13.1 ft)
4 m (13.1 ft)
10 m (32.8 ft)
0
1
0
6 m (19.7 ft)
6 m (19.7 ft)
12 m (39.4 ft)
0 *
1 *
1 *
8 m (26.2 ft)
8 m (26.2 ft)
16 m (52.5 ft)
1
0
0
8 m (26.2 ft)
8 m (26.2 ft)
20 m (65.6 ft)
1
0
1
10 m (32.8 ft)
10 m (32.8 ft)
20 m (65.6 ft)
1
1
0
10 m (32.8 ft)
10 m (32.8 ft)
24 m (78.7 ft)
1
1
1
12 m (39.4 ft)
12 m (39.4 ft)
24 m (78.7 ft)
NOTE: Highest sensitivity is achieved only if sensing distance is 8 m (26.2 ft) or less
Sensitivity Selection
* Default settings
Switch 4
Switch 5
Sensitivity
0*
0*
4 (Highest)
0
1
3 (High)
1
0
2 (Medium)
1
1
1 (Low)
Output Configuration
* Default settings
Switch 6
NPN / PNP
0*
NPN
1
PNP
Switch 7
NO / NC
0*
NO
1
NC
Response Speed
* Default settings
Switch 8
On Total
Off Total
Total
0
30
70
100
1*
50
300
350
R-GAGE® QT50R-AF2 Sensor
P/N 187234 Rev. C
www.bannerengineering.com - Tel: +1-763-544-3164
3


유사한 부품 번호 - QT50R-AF2

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
More results

유사한 설명 - QT50R-AF2

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-RH BANNER-QT50R-RH Datasheet
592Kb / 8P
   R-GAGE짰 QT50R-RH Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2L BANNER-Q240RA-AF2L Datasheet
738Kb / 10P
   R-GAGE짰 Q240RA-AF2L Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
   R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com