전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QT50R-AFH 데이터시트(PDF) 1 Page - Banner Engineering Corp.

부품명 QT50R-AFH
상세설명  R-GAGE짰 QT50R-AFH Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-AFH 데이터시트(HTML) 1 Page - Banner Engineering Corp.

  QT50R-AFH Datasheet HTML 1Page - Banner Engineering Corp. QT50R-AFH Datasheet HTML 2Page - Banner Engineering Corp. QT50R-AFH Datasheet HTML 3Page - Banner Engineering Corp. QT50R-AFH Datasheet HTML 4Page - Banner Engineering Corp. QT50R-AFH Datasheet HTML 5Page - Banner Engineering Corp. QT50R-AFH Datasheet HTML 6Page - Banner Engineering Corp. QT50R-AFH Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
Radar-Based Sensors for Detection of Moving and Stationary Targets
• FMCW (true-presence) radar detects moving and stationary objects
• Higher sensitivity and longer range
• Adjustable sensing field — ignores objects beyond setpoint
• Easy setup and configuration of range, sensitivity, and output with simple DIP switches
• Sensing functions are unaffected by wind, falling rain or snow, fog, humidity, air
temperatures, or light
• Sensor operates in Industrial, Scientific, and Medical (ISM) telecommunication band
• Rugged IP67 housing withstands harsh environments
Protected by US patents
CAUTION: Make No Modifications to this Product
Any modifications to this product not expressly approved by Banner Engineering could void the user's authority to
operate the product. Contact Banner Engineering for more information.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
Models1
Maximum
Range
Connection
Supply Voltage Telecom Approval2
Output
QT50R-US-AFH
24 m (78 ft)
5-wire 2 m
(6.5 ft)
Integral cable
12 to 30 V dc
Telecom approved for US, Canada and Brazil
Bipolar NPN/PNP
DIP-switch-selectable
N.O. or N.C.
QT50R-EU-AFH
Telecom approved for Europe, UK, Australia,
New Zealand, China, and Japan
QT50R-KR-AFH
12 to 24 V dc
Telecom approved for South Korea
QT50R-TW-AFH
12 to 30 V dc
Telecom approved for Taiwan
QT50R-SG-AFH
Telecom approved for Singapore
1 Cabled models only are listed. For integral 5-pin Euro-style (M12) quick-disconnect fitting, add suffix "Q" to the model number (e.g., QT50R-xx-
AFHQ). QD models require a mating cordset; see Quick Disconnect (QD) Cordsets on page 6.
2 For additional countries, contact Banner Engineering.
R-GAGE® QT50R-AFH Sensor
Original Document
162359 Rev. H
23 October 2017
162359


유사한 부품 번호 - QT50R-AFH

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-AFH-FL BANNER-QT50R-AFH-FL Datasheet
351Kb / 6P
   R-GAGE??QT50R-AFH-FL Sensor
More results

유사한 설명 - QT50R-AFH

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-RH BANNER-QT50R-RH Datasheet
592Kb / 8P
   R-GAGE짰 QT50R-RH Sensor
QT50R-AFH-FL BANNER-QT50R-AFH-FL Datasheet
351Kb / 6P
   R-GAGE??QT50R-AFH-FL Sensor
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
   R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
   R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
   R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
   R-GAGE짰 Q240RA-AF2 Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
   R-GAGE짰 Q120RA-AF2 Sensor
Q240RA-AF2L BANNER-Q240RA-AF2L Datasheet
738Kb / 10P
   R-GAGE짰 Q240RA-AF2L Sensor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com