전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QT50R-EU-RH 데이터시트(PDF) 8 Page - Banner Engineering Corp.

부품명 QT50R-EU-RH
상세설명  R-GAGE짰 QT50R-RH Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QT50R-EU-RH 데이터시트(HTML) 8 Page - Banner Engineering Corp.

  QT50R-EU-RH Datasheet HTML 1Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 2Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 3Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 4Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 5Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 6Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 7Page - Banner Engineering Corp. QT50R-EU-RH Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SMB30SC
Swivel bracket with 30 mm
mounting hole for sensor
Black reinforced
thermoplastic polyester
Stainless steel mounting and
swivel locking hardware
included
67
58
29
B
A
Hole center spacing: A=ø 50.8
Hole size: A=ø 7.0, B=ø 30.0
SMB30MM
12-ga. stainless steel bracket
with curved mounting slots
for versatile orientation
Clearance for M6 (¼ in)
hardware
Mounting hole for 30 mm
sensor
70
57
A
B
C
57
Hole center spacing: A = 51, A to B = 25.4
Hole size: A = 42.6 x 7, B = ø 6.4, C = ø 30.1
Retroreflective Target
BRTR-CC20E
Large corner-cube reflector in protective plastic enclosure
Provides 7x excess gain at 6 m
Weather Deflector
QT50RCK
Required if the R-GAGE is exposed to rain or snow
Prevents buildup of water or ice from interfering with sensor
performance
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp.
will repair or replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty
period. This warranty does not cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION,
ANY WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE
OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE
LIABLE TO BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL,
CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER
ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product
previously manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection
applications when the product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval
by Banner Engineering Corp will void the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product
specifications or update documentation at any time. For the most recent version of any documentation, refer to: www.bannerengineering.com.
R-GAGE® QT50R-RH Sensor
© Banner Engineering Corp. All rights reserved


유사한 부품 번호 - QT50R-EU-RH

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-EU-AF2 BANNER-QT50R-EU-AF2 Datasheet
589Kb / 7P
R-GAGE짰 QT50R-AF2 Sensor
QT50R-EU-AF2W BANNER-QT50R-EU-AF2W Datasheet
590Kb / 7P
R-GAGE짰 QT50R-AF2W Sensor
QT50R-EU-AFH BANNER-QT50R-EU-AFH Datasheet
1Mb / 7P
R-GAGE짰 QT50R-AFH Sensor
QT50R-EU-AFH-FL BANNER-QT50R-EU-AFH-FL Datasheet
351Kb / 6P
R-GAGE??QT50R-AFH-FL Sensor
QT50R-EU-AFS BANNER-QT50R-EU-AFS Datasheet
570Kb / 7P
R-GAGE짰 QT50R-AFS Sensor
More results

유사한 설명 - QT50R-EU-RH

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
R-GAGE짰 QT50R-AFH Sensor
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
R-GAGE짰 QT50R-AFS Sensor
Q130RA BANNER-Q130RA Datasheet
728Kb / 26P
R-GAGE짰 Q130RA Sensor
Q120RA-AF BANNER-Q120RA-AF Datasheet
430Kb / 8P
R-GAGE짰 Q120RA-AF Sensor
Q240RA-AF2 BANNER-Q240RA-AF2 Datasheet
670Kb / 10P
R-GAGE짰 Q240RA-AF2 Sensor
Q120RA-AF2 BANNER-Q120RA-AF2 Datasheet
438Kb / 8P
R-GAGE짰 Q120RA-AF2 Sensor
Q240RA-AF2L BANNER-Q240RA-AF2L Datasheet
738Kb / 10P
R-GAGE짰 Q240RA-AF2L Sensor
Q120RA-AF2W BANNER-Q120RA-AF2W Datasheet
437Kb / 8P
R-GAGE짰 Q120RA-AF2W Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com