전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10101 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC10101
상세설명  Quad OR/NOR Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10101 데이터시트(HTML) 3 Page - ON Semiconductor

  MC10101 Datasheet HTML 1Page - ON Semiconductor MC10101 Datasheet HTML 2Page - ON Semiconductor MC10101 Datasheet HTML 3Page - ON Semiconductor MC10101 Datasheet HTML 4Page - ON Semiconductor MC10101 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10101
3–3
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
4
12
4
12
8
8
1, 16
1, 16
IinL
4
12
4
12
8
8
1, 16
1, 16
Output Voltage
Logic 1
VOH
5
5
2
2
12
4
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Output Voltage
Logic 0
VOL
5
5
2
2
12
4
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
5
5
2
2
12
4
12
4
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
5
5
2
2
12
4
12
4
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+2–
t4–2+
t4+5+
t4–5–
2
2
5
5
4
4
4
4
2
2
5
5
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
t5+
2
5
4
4
2
5
8
8
1, 16
1, 16
Fall Time
(20 to 80%)
t2–
t5–
2
5
4
4
2
5
8
8
1, 16
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


유사한 부품 번호 - MC10101

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10101 ONSEMI-MC10101 Datasheet
107Kb / 8P
Quad OR/NOR Gate
January, 2002 ??Rev. 7
MC10101FN ONSEMI-MC10101FN Datasheet
107Kb / 8P
Quad OR/NOR Gate
January, 2002 ??Rev. 7
MC10101L ONSEMI-MC10101L Datasheet
107Kb / 8P
Quad OR/NOR Gate
January, 2002 ??Rev. 7
MC10101P ONSEMI-MC10101P Datasheet
107Kb / 8P
Quad OR/NOR Gate
January, 2002 ??Rev. 7
MC10101 ONSEMI-MC10101_02 Datasheet
107Kb / 8P
Quad OR/NOR Gate
January, 2002 ??Rev. 7
More results

유사한 설명 - MC10101

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC10E101 MOTOROLA-MC10E101 Datasheet
98Kb / 4P
QUAD 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10H101 ONSEMI-MC10H101 Datasheet
93Kb / 3P
Quad OR/NOR Gate
REV 5
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101 Datasheet
66Kb / 3P
QUAD 4-INPUT OR/NOR GATE
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
QUAD EXCLUSIVE-OR / NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
ON Semiconductor
MC10E101 ONSEMI-MC10E101 Datasheet
69Kb / 8P
5V ECL Quad 4짯Input OR/NOR Gate
November, 2003 ??Rev. 5
MC10H101 ONSEMI-MC10H101_06 Datasheet
150Kb / 6P
Quad OR/NOR Gate
February, 2006 ??Rev. 7
MC10101 ONSEMI-MC10101_02 Datasheet
107Kb / 8P
Quad OR/NOR Gate
January, 2002 ??Rev. 7
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101_06 Datasheet
64Kb / 4P
QUAD 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10H101 ONSEMI-MC10H101_16 Datasheet
135Kb / 5P
Quad OR/NOR Gate
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com