전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STR720RXH6 데이터시트(PDF) 282 Page - STMicroelectronics

부품명 STR720RXH6
상세설명  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 데이터시트(HTML) 282 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 278Page - STMicroelectronics STR720RXH6 Datasheet HTML 279Page - STMicroelectronics STR720RXH6 Datasheet HTML 280Page - STMicroelectronics STR720RXH6 Datasheet HTML 281Page - STMicroelectronics STR720RXH6 Datasheet HTML 282Page - STMicroelectronics STR720RXH6 Datasheet HTML 283Page - STMicroelectronics STR720RXH6 Datasheet HTML 284Page - STMicroelectronics STR720RXH6 Datasheet HTML 285Page - STMicroelectronics STR720RXH6 Datasheet HTML 286Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
282/401
Bit 1
PDWN: Power down
This bit is used to completely switch off all USB-related analog parts if it is
required to completely disable the USB Peripheral for any reason. When this bit
is set, the USB Peripheral is disconnected from the transceivers and it cannot
be used.
0: Exit Power Down.
1: Enter Power down mode.
Bit 0
FRES: Force USB Reset
0: Clear USB reset.
1: Force a reset of the USB Peripheral, exactly like a RESET signalling on the
USB. The USB Peripheral is held in RESET state until software clears this bit. A
“USB-RESET” interrupt is generated, if enabled.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More