전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QOB3501042 데이터시트(PDF) 2 Page - Schneider Electric

부품명 QOB3501042
상세설명  Mini CB, QO, 50 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOB3501042 데이터시트(HTML) 2 Page - Schneider Electric

  QOB3501042 Datasheet HTML 1Page - Schneider Electric QOB3501042 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSA
Ambient Rating
104 °F (40 °C)
Ordering and shipping details
Category
00015-QOB CIRCUIT BREAKERS
Discount Schedule
DE2
GTIN
00785901789260
Package weight(Lbs)
19.36 oz (548.847 g)
Returnability
No
Country of origin
MX
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
Halogen content performance
Halogen free product
Contractual warranty
Warranty
18 months
2


유사한 부품 번호 - QOB3501042

제조업체부품명데이터시트상세설명
logo
Schneider Electric
QOB3501021 SCHNEIDER-QOB3501021 Datasheet
148Kb / 2P
QO mini breaker, 50 A, 3 pole, 120/240 V, 10 kA, bolt on, shunt trip
More results

유사한 설명 - QOB3501042

제조업체부품명데이터시트상세설명
logo
Schneider Electric
QOB3101021 SCHNEIDER-QOB3101021 Datasheet
142Kb / 2P
Mini CB, QO, 10 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB350VH1021 SCHNEIDER-QOB350VH1021 Datasheet
164Kb / 2P
Mini CB, QO, 50 A, 3P, 120/240 V, 22 kA, Bolt on, Shunt Trip
QOB350VH1042 SCHNEIDER-QOB350VH1042 Datasheet
131Kb / 2P
Mini CB, QO, 50 A, 3P, 120/240 V, 22 kA, Bolt on, Shunt Trip
QOB3401021 SCHNEIDER-QOB3401021 Datasheet
168Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3351042 SCHNEIDER-QOB3351042 Datasheet
157Kb / 2P
Mini CB, QO, 35 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3901042 SCHNEIDER-QOB3901042 Datasheet
150Kb / 2P
Mini CB, QO, 90 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3451042 SCHNEIDER-QOB3451042 Datasheet
141Kb / 2P
Mini CB, QO, 45 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3901021 SCHNEIDER-QOB3901021 Datasheet
156Kb / 2P
Mini CB, QO, 90 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3201042 SCHNEIDER-QOB3201042 Datasheet
150Kb / 2P
Mini CB, QO, 20 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3401042 SCHNEIDER-QOB3401042 Datasheet
139Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com