전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

27440401 데이터시트(PDF) 4 Page - PHOENIX CONTACT

부품명 27440401
상세설명  PCB terminal block - GMKDSN 1,5/ 7-7,62
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27440401 데이터시트(HTML) 4 Page - PHOENIX CONTACT

  27440401 Datasheet HTML 1Page - PHOENIX CONTACT 27440401 Datasheet HTML 2Page - PHOENIX CONTACT 27440401 Datasheet HTML 3Page - PHOENIX CONTACT 27440401 Datasheet HTML 4Page - PHOENIX CONTACT 27440401 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/1707072
04/11/2016   Page 4 / 5
PCB terminal block - GMKDSN 1,5/ 7-7,62 - 1707072
Approvals
Approvals
Approvals
CSA / SEV / CCA / IECEE CB Scheme / EAC / EAC / cULus Recognized / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
CSA 
 
B
D
mm²/AWG/kcmil
28-14
28-14
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V
SEV 
 
 
mm²/AWG/kcmil
1.5
Nominal current IN
16 A
Nominal voltage UN
400 V
CCA 
IECEE CB Scheme 
EAC 
EAC 


유사한 부품 번호 - 27440401

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
27440401 PHOENIX-27440401 Datasheet
109Kb / 6P
PCB connection terminal block - MKDSN 2.5/ 4-5.08
27440401 PHOENIX-27440401 Datasheet
106Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 7-H-5,08 R88
27440401 PHOENIX-27440401 Datasheet
84Kb / 5P
PCB connection terminal block - PTSM 0,5/ 7-2,5-V THR WHR44
27440401 PHOENIX-27440401 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-24 GN
27440401 PHOENIX-27440401 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS- 3 GY
More results

유사한 설명 - 27440401

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1707043 PHOENIX-1707043 Datasheet
82Kb / 6P
PCB terminal block - GMKDSN 1,5/ 4-7,62
1707030 PHOENIX-1707030 Datasheet
126Kb / 6P
PCB terminal block - GMKDSN 1,5/ 3-7,62
1707069 PHOENIX-1707069 Datasheet
103Kb / 5P
PCB terminal block - GMKDSN 1,5/ 6-7,62
1707027 PHOENIX-1707027 Datasheet
80Kb / 5P
PCB terminal block - GMKDSN 1,5/ 2-7,62
1707085 PHOENIX-1707085 Datasheet
135Kb / 5P
GMKDSN 1,5/ 8-7,62
1718634 PHOENIX-1718634 Datasheet
77Kb / 5P
PCB terminal block - GSMKDSN 1,5/ 5-7,62
1718731 PHOENIX-1718731 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 3-7,62
1718728 PHOENIX-1718728 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 2-7,62
1733541 PHOENIX-1733541 Datasheet
45Kb / 3P
PCB terminal block - GSMKDSPL 1,5/ 3-7,62
1718621 PHOENIX-1718621 Datasheet
467Kb / 12P
PCB terminal block - GSMKDSN 1,5/ 4-7,62
Jan 10, 2023
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com