전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

27440401 데이터시트(PDF) 1 Page - PHOENIX CONTACT

부품명 27440401
상세설명  PCB terminal block - GMKDSN 1,5/ 7-7,62
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27440401 데이터시트(HTML) 1 Page - PHOENIX CONTACT

  27440401 Datasheet HTML 1Page - PHOENIX CONTACT 27440401 Datasheet HTML 2Page - PHOENIX CONTACT 27440401 Datasheet HTML 3Page - PHOENIX CONTACT 27440401 Datasheet HTML 4Page - PHOENIX CONTACT 27440401 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1707072
04/11/2016   Page 1 / 5
PCB terminal block - GMKDSN 1,5/ 7-7,62 - 1707072
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 16 A, Nom. voltage: 630 V, Pitch: 7.62 mm, Number of positions: 7,
Connection method: Screw connection with tension sleeve, Mounting: Wave soldering, Conductor/PCB
connection direction: 0 °, Color: green, The article can be aligned to create different nos. of positions!
The illustration shows an 10-position
version
Product Features
Low-profile design, e.g., for particularly compact mains connections
Single-row PCB terminal blocks for 630 V applications with 7.62 mm pitch
Can be consistently connected in series with the corresponding standard models of the MKDSN 1,5 range
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
7.73 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
8.1 mm
Pitch
7.62 mm
Dimension a
45.72 mm
Constructional height
10 mm
Length of the solder pin
3.5 mm
Pin dimensions
0,5 x 1 mm
Hole diameter
1.3 mm
General


유사한 부품 번호 - 27440401

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
27440401 PHOENIX-27440401 Datasheet
104Kb / 5P
PCB terminal block - SPT-THR 1,5/ 8-V-3,5 P26
27440401 PHOENIX-27440401 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 7 SO GN-RD
27440401 PHOENIX-27440401 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/10-5,0-H
27440401 PHOENIX-27440401 Datasheet
65Kb / 3P
Printed-circuit board connector - BCVP-381W-11 GY
27440401 PHOENIX-27440401 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-381WF-10 BK
More results

유사한 설명 - 27440401

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1707043 PHOENIX-1707043 Datasheet
82Kb / 6P
PCB terminal block - GMKDSN 1,5/ 4-7,62
1707030 PHOENIX-1707030 Datasheet
126Kb / 6P
PCB terminal block - GMKDSN 1,5/ 3-7,62
1707069 PHOENIX-1707069 Datasheet
103Kb / 5P
PCB terminal block - GMKDSN 1,5/ 6-7,62
1707027 PHOENIX-1707027 Datasheet
80Kb / 5P
PCB terminal block - GMKDSN 1,5/ 2-7,62
1707085 PHOENIX-1707085 Datasheet
135Kb / 5P
GMKDSN 1,5/ 8-7,62
1718634 PHOENIX-1718634 Datasheet
77Kb / 5P
PCB terminal block - GSMKDSN 1,5/ 5-7,62
1718731 PHOENIX-1718731 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 3-7,62
1718728 PHOENIX-1718728 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 2-7,62
1733541 PHOENIX-1733541 Datasheet
45Kb / 3P
PCB terminal block - GSMKDSPL 1,5/ 3-7,62
1718621 PHOENIX-1718621 Datasheet
467Kb / 12P
PCB terminal block - GSMKDSN 1,5/ 4-7,62
Jan 10, 2023
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com