전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

27440401 데이터시트(PDF) 2 Page - PHOENIX CONTACT

부품명 27440401
상세설명  PCB terminal block - GMKDSN 1,5/ 7-7,62
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27440401 데이터시트(HTML) 2 Page - PHOENIX CONTACT

  27440401 Datasheet HTML 1Page - PHOENIX CONTACT 27440401 Datasheet HTML 2Page - PHOENIX CONTACT 27440401 Datasheet HTML 3Page - PHOENIX CONTACT 27440401 Datasheet HTML 4Page - PHOENIX CONTACT 27440401 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1707072
04/11/2016   Page 2 / 5
PCB terminal block - GMKDSN 1,5/ 7-7,62 - 1707072
Technical data
General
Range of articles
GMKDSN 1,5
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
400 V
Rated voltage (III/2)
630 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
16 A
Nominal cross section
1.5 mm²
Maximum load current
16 A (with 1.5 mm² conductor cross section)
Insulating material
PA
Solder pin surface
Sn
Flammability rating according to UL 94
V0
Internal cylindrical gage
A1
Stripping length
6 mm
Number of positions
7
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Connection data
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
1.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
1.5 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
16
2 conductors with same cross section, solid min.
0.14 mm²
2 conductors with same cross section, solid max.
0.75 mm²
2 conductors with same cross section, stranded min.
0.14 mm²
2 conductors with same cross section, stranded max.
0.75 mm²


유사한 부품 번호 - 27440401

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
27440401 PHOENIX-27440401 Datasheet
59Kb / 3P
Printed-circuit board connector - BCH-508HF- 3 GY
27440401 PHOENIX-27440401 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 7 SO GN-RD
27440401 PHOENIX-27440401 Datasheet
75Kb / 3P
Printed-circuit board connector - BCDH-500HS- 3 GY
27440401 PHOENIX-27440401 Datasheet
57Kb / 3P
Printed-circuit board connector - BCH-350VF-14 GN
27440401 PHOENIX-27440401 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500WF- 4 BK
More results

유사한 설명 - 27440401

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1707043 PHOENIX-1707043 Datasheet
82Kb / 6P
PCB terminal block - GMKDSN 1,5/ 4-7,62
1707030 PHOENIX-1707030 Datasheet
126Kb / 6P
PCB terminal block - GMKDSN 1,5/ 3-7,62
1707069 PHOENIX-1707069 Datasheet
103Kb / 5P
PCB terminal block - GMKDSN 1,5/ 6-7,62
1707027 PHOENIX-1707027 Datasheet
80Kb / 5P
PCB terminal block - GMKDSN 1,5/ 2-7,62
1707085 PHOENIX-1707085 Datasheet
135Kb / 5P
GMKDSN 1,5/ 8-7,62
1718634 PHOENIX-1718634 Datasheet
77Kb / 5P
PCB terminal block - GSMKDSN 1,5/ 5-7,62
1718731 PHOENIX-1718731 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 3-7,62
1718728 PHOENIX-1718728 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 2-7,62
1733541 PHOENIX-1733541 Datasheet
45Kb / 3P
PCB terminal block - GSMKDSPL 1,5/ 3-7,62
1718621 PHOENIX-1718621 Datasheet
467Kb / 12P
PCB terminal block - GSMKDSN 1,5/ 4-7,62
Jan 10, 2023
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com