전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32MP151A 데이터시트(PDF) 117 Page - STMicroelectronics

부품명 STM32MP151A
상세설명  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A 데이터시트(HTML) 117 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 113Page - STMicroelectronics STM32MP151A Datasheet HTML 114Page - STMicroelectronics STM32MP151A Datasheet HTML 115Page - STMicroelectronics STM32MP151A Datasheet HTML 116Page - STMicroelectronics STM32MP151A Datasheet HTML 117Page - STMicroelectronics STM32MP151A Datasheet HTML 118Page - STMicroelectronics STM32MP151A Datasheet HTML 119Page - STMicroelectronics STM32MP151A Datasheet HTML 120Page - STMicroelectronics STM32MP151A Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 253 page
background image
Port J PJ15
----
--
LCD_B3
EVENTOUT
Port K
PK0
----
--
LCD_G5
EVENTOUT
PK1
----
--
LCD_G6
EVENTOUT
PK2
----
--
LCD_G7
EVENTOUT
PK3
----
--
LCD_B4
EVENTOUT
PK4
----
--
LCD_B5
EVENTOUT
PK5
----
--
LCD_B6
EVENTOUT
PK6
----
--
LCD_B7
EVENTOUT
PK7
----
--
LCD_DE
EVENTOUT
Port Z
PZ0
SPI6_SCK
-
-
-
-
-
-
EVENTOUT
PZ1
SPI6_MISO
-
-
-
-
-
-
EVENTOUT
PZ2
SPI6_MOSI
-
-
-
-
-
-
EVENTOUT
PZ3
SPI6_NSS
-
-
-
-
-
-
EVENTOUT
PZ4
----
---
EVENTOUT
PZ5
----
---
EVENTOUT
PZ6
----
---
EVENTOUT
PZ7
----
---
EVENTOUT
1. Refer to Table 8 for AF0 to AF7.
Table 9. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SPI6/SAI2/
USART3/
UART4/5/8/
SDMMC1/2/
SPDIFRX
TIM13/14/
QUADSPI/
SDMMC2/3/
LCD/SPDIFRX
SAI2/4/
QUADSPI/
FMC/
SDMMC2/3/
OTG_FS/
OTG_HS
DFSDM1/
QUADSPI/
SDMMC1/
MDIOS/ETH1
SAI4/UART5/
FMC/SDMMC1/
MDIOS
UART7/DCMI/
LCD/RNG
UART5/LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More