전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSM0805KDST 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 VSM0805KDST
상세설명  Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSM0805KDST 데이터시트(HTML) 2 Page - Vishay Siliconix

  VSM0805KDST Datasheet HTML 1Page - Vishay Siliconix VSM0805KDST Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
www.vishay.com
23
VSM0805
Vishay Foil Resistors
Document Number: 63061
Revision 17-Aug-04
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
Bulk Metal
® Foil Technology
Discrete Surface Mount Chip Resistors
MODEL
CHIP SIZE
RESISTANCE VALUE
TOLERANCE
TERMINATION
PACKAGING
VSM
0805
RESISTANCE
LETTER
MULTIPLIER
T ± 0.01%
S - Lead (Pb)-free
T = Tape and
RANGE
DESIGNATOR
FACTOR
Q ± 0.02%
B - Tin/Lead
Reel
A ± 0.05%
W = Waffle
5Ω to <1KΩ
R
x 1.0
B ± 0.1%
PacK
Example: 249R00 = 249Ω
C ± 0.25%
D ± 0.5%
F ± 1.0%
T
W
L
D
T
W
L
1K to 12KΩ
K
x 103
Example: 10K000 = 10.0KΩ
FIGURE 3 - RECOMMENDED MOUNTING
CHIP
POWER MAXIMUM RESISTANCE MAXIMUM
SIZE
L
W
T
D
+ 70
°C VOLTAGE
RANGE
WEIGHT
Z*
G*
X*
± 0.005 (0.13) ± 0.005 (0.13) MAXIMUM ± 0.005 (0.13)
(mW)
(V)
(
)(mG)
± 0.004 (0.10) ± 0.004 (0.10) ± 0.004 (0.10)
0805
0.080 (2.03)
0.050 (1.27) 0.025 (0.64) 0.015 (0.38)
50
22
5.5 - 12K
6
0.122 (3.10)
0.028 (0.70)
0.050 (1.27)
*Land Pattern Dimensions (Z, G, X) are per IPC-782A
TABLE 3 - CHIP SIZES AND SPECIFICATIONS in inches (millimeters)
TABLE 4 - ORDERING INFORMATION - VSM STYLE CHIP RESISTORS
FIGURE 2 - POWER DERATING CURVE
125
100
75
50
25
0
-75
–50
–25
0
+25
+50
+75
+100 +125 +150 +175
Ambient Temperature (°C)
–55°C
+70°C
Rated Power
Footprint
G
Z
X
Top View
Bottom View
Recommended Land Pattern
25% to 85% of T
A low profile solder fillet is recommended
to avoid unnecessary stresses along
top edge of metallization. IR and vapor
phase reflow are best. Avoid the use of
cleaning agents which could attack
epoxy resins, which form part of the
resistor construction.


유사한 부품 번호 - VSM0805KDST

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
logo
Banner Engineering Corp...
VSM BANNER-VSM Datasheet
656Kb / 7P
VSM Series Micro Sensors
VSM-2 BANNER-VSM-2 Datasheet
393Kb / 5P
VSM-2 Series Micro Sensor
logo
Vecow Co., Ltd.
VSM-200 VECOW-VSM-200 Datasheet
234Kb / 1P
SUMIT Expansion Card with 8-CH/ 4-CH H.264/ MPEG-4 Video Capture, -25째C to 70째C
VSM-200-4 VECOW-VSM-200-4 Datasheet
234Kb / 1P
SUMIT Expansion Card with 8-CH/ 4-CH H.264/ MPEG-4 Video Capture, -25째C to 70째C
More results

유사한 설명 - VSM0805KDST

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
VSMP1206 VISHAY-VSMP1206 Datasheet
84Kb / 2P
Z-Based Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty
Revision 28-Oct-04
VSM1206 VISHAY-VSM1206 Datasheet
59Kb / 2P
Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 21-May-03
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
Revision 24-Oct-02
SMRC1D VISHAY-SMRC1D Datasheet
84Kb / 3P
Bulk Metal짰 Foil Technology Surface Mount Precision Resistor
Revision 26-Mar-02
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com