전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QK012RH5 데이터시트(PDF) 8 Page - Littelfuse

부품명 QK012RH5
상세설명  Alternistor Triacs (6 A to 40 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QK012RH5 데이터시트(HTML) 8 Page - Littelfuse

Back Button QK012RH5 Datasheet HTML 2Page - Littelfuse QK012RH5 Datasheet HTML 3Page - Littelfuse QK012RH5 Datasheet HTML 4Page - Littelfuse QK012RH5 Datasheet HTML 5Page - Littelfuse QK012RH5 Datasheet HTML 6Page - Littelfuse QK012RH5 Datasheet HTML 7Page - Littelfuse QK012RH5 Datasheet HTML 8Page - Littelfuse QK012RH5 Datasheet HTML 9Page - Littelfuse QK012RH5 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Alternistor Triacs
Data Sheets
http://www.littelfuse.com
E4 - 8
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E4.7 Normalized DC Gate Trigger Voltage for all Quadrants
versus Case Temperature
Figure E4.8 Normalized DC Gate Trigger Current for all Quadrants
versus Case Temperature
Figure E4.9 Normalized DC Holding Current versus Case Temperature
Figure E4.10 Peak Surge Current versus Surge Current Duration
(6 A to 12 A)
Figure E4.11 Peak Surge Current versus Surge Current Duration
(16 A to 40 A)
Figure E4.12 Turn-on Time versus Gate Trigger Current (Typical)
0
.5
1.0
1.5
2.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
0
1.0
2.0
3.0
4.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
0
1.0
2.0
3.0
4.0
-65
-15
+65
+25
+125
-40
Case Temperature (T
C) – ˚C
INITIAL ON-STATE CURRENT
= 400 mA dc 16 A to 40 A Devices
= 100 mA dc 6 to 12A Devices
200
120
40
1
2
3 45 6
8 10
20
30 40
60 80 100
200
300
600
1000
80
60
50
100
8
6
5
10
30
20
4
1
3
2
Surge Current Duration – Full Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
Notes:
1) Gate control may be lost during and
immediately following surge current
interval
2) Overload may not be repeated until
junction temperature has returned
to steady state rated value.
10 A to 12 A Devices
8 A TO-251
and TO-252
8 A Devices
6 A Devices
6 A TO-251
and TO-252
110
100
1000
10
20
30
40
50
60
80
100
250
300
400
1000
Surge Current Duration – Full Cycles
200
Notes:
1) Gate control may be lost during and
immediately following surge current
interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
SUPPLY FREQUENCY: 60Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
40 A Devices
35 A Devices
30 A Devices
25 A Devices
16 A Devices
0
100
200
300
400
500
0
2
4
6
8
10
DC Gate Trigger Current (IGT) – mA
IGT = 80 to 100 mA
IGT = 10 mA to 35 mA
IGT = 50 mA


유사한 부품 번호 - QK012RH5

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
QK012LH5 ETC2-QK012LH5 Datasheet
188Kb / 10P
   Alternistor Triacs
QK012NH5 ETC2-QK012NH5 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - QK012RH5

제조업체부품명데이터시트상세설명
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com