전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QK016NH4 데이터시트(PDF) 10 Page - Littelfuse

부품명 QK016NH4
상세설명  Alternistor Triacs (6 A to 40 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QK016NH4 데이터시트(HTML) 10 Page - Littelfuse

Back Button QK016NH4 Datasheet HTML 2Page - Littelfuse QK016NH4 Datasheet HTML 3Page - Littelfuse QK016NH4 Datasheet HTML 4Page - Littelfuse QK016NH4 Datasheet HTML 5Page - Littelfuse QK016NH4 Datasheet HTML 6Page - Littelfuse QK016NH4 Datasheet HTML 7Page - Littelfuse QK016NH4 Datasheet HTML 8Page - Littelfuse QK016NH4 Datasheet HTML 9Page - Littelfuse QK016NH4 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Notes


유사한 부품 번호 - QK016NH4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
QK016LH3 ETC2-QK016LH3 Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Inchange Semiconductor ...
QK016LH3 ISC-QK016LH3 Datasheet
271Kb / 3P
   isc Triacs
logo
List of Unclassifed Man...
QK016LH4 ETC2-QK016LH4 Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Inchange Semiconductor ...
QK016LH4 ISC-QK016LH4 Datasheet
271Kb / 3P
   isc Triacs
logo
List of Unclassifed Man...
QK016LH6 ETC2-QK016LH6 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - QK016NH4

제조업체부품명데이터시트상세설명
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com