전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMX2820 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LMX2820
상세설명  LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2820 데이터시트(HTML) 1 Page - Texas Instruments

  LMX2820 Datasheet HTML 1Page - Texas Instruments LMX2820 Datasheet HTML 2Page - Texas Instruments LMX2820 Datasheet HTML 3Page - Texas Instruments LMX2820 Datasheet HTML 4Page - Texas Instruments LMX2820 Datasheet HTML 5Page - Texas Instruments LMX2820 Datasheet HTML 6Page - Texas Instruments LMX2820 Datasheet HTML 7Page - Texas Instruments LMX2820 Datasheet HTML 8Page - Texas Instruments LMX2820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Charge
Pump
Digital
Control
CS#
SCK
SDI
Lock
Detection
×2
OSCIN_P
RFOUTA_P
x3,x4..x7
CE
÷2,4,8,..,128
Phase Sync
G4
Modulator
LD
N Divider
×2
MUTE
÷1,2,..4095
÷1,2,..255
PFD
SYSREF
Generation
÷2
÷2,4,8,..,128
RFOUTA_N
OSCIN_N
SRREQ_P
SRREQ_N
RFOUTB_P
RFOUTB_N
SROUT_P
SROUT_N
MUXOUT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LMX2820
SNAS783 – JUNE 2020
LMX2820 22.4-GHz Wideband PLLatinum™ RF Synthesizer
With Phase Synchronization and JESD204B Support
1
1 Features
1
Output frequency: 43.75 MHz to 22.4 GHz
< 40-fs rms jitter (12 kHz – 95 MHz)
High-performance PLL
Figure of merit: –236 dBc/Hz
Normalized 1/f noise: –134 dBc/Hz
High phase detector frequency
400-MHz integer mode
300-MHz fractional mode
Programmable input multiplier
Direct PFD input for offset mixing support
< 5-µs fast VCO calibration time
Mute pin with 200-ns mute/unmute time
–40-dBc VCO leakage with doubler enabled
Support for external VCO up to 22 GHz
Synchronization of output phase across multiple
devices
Two differential RF outputs and one differential
SYSREF output for JESD204B support
2 Applications
Radar and electronic warfare
5G and mm-Wave wireless infrastructure
Microwave backhaul
Test and measurement equipment
High-speed data converter clocking
3 Description
The LMX2820 is a high-performance, wideband
synthesizer that can generate any frequency in the
range of 43.75 MHz to 22.4 GHz. The high-
performance PLL with figure of merit of –236 dBc/Hz
and high phase detector frequency can attain very
low in-band noise and integrated jitter. The high-
speed N-divider has no pre-divider, thus significantly
reducing the amplitude and number of spurs. There is
also a programmable input multiplier to mitigate
integer boundary spurs.
The LMX2820 allows users to synchronize the output
of multiple devices and also enables applications that
need deterministic delay between input and output.
The fast calibration algorithm greatly reduces the
VCO calibration time to under 5 µs, enabling systems
requiring fast frequency hopping. The LMX2820 can
generate or repeat SYSREF that is compliant to the
JESD204B standard, allowing for its use as a low-
noise clock source for high-speed data converters.
This synthesizer can also be used with an external
VCO. A direct PFD input pin is provided to support
offset mixing for low spurious transmission.
The device runs from a single 3.3-V supply and has
integrated LDOs that eliminate the need for onboard
low-noise LDOs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMX2820
VQFN (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


유사한 부품 번호 - LMX2820

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMX2820 TI-LMX2820 Datasheet
1Mb / 40P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
3Mb / 43P
LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820RTCR TI-LMX2820RTCR Datasheet
1Mb / 40P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820RTCR TI1-LMX2820RTCR Datasheet
3Mb / 43P
LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820RTCT TI-LMX2820RTCT Datasheet
1Mb / 40P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results

유사한 설명 - LMX2820

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2694-EP TI-LMX2694-EP_V01 Datasheet
1Mb / 83P
LMX2694-EP 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
LMX2694-EP TI1-LMX2694-EP Datasheet
1Mb / 80P
LMX2694-EP 15-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2694-SEP TI-LMX2694-SEP Datasheet
3Mb / 90P
LMX2694-SEP Radiation Hardened 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com