| 전자부품 데이터시트 검색엔진 |
|
XRT7250 데이터시트(PDF) 422 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 데이터시트(HTML) 422 Page - Exar Corporation |
|
422 / 463 page ![]() áç áç áç áç XRT7250 DS3/E3 FRAMER IC REV. 1.1.1 403 In additional to the FEBE bit-field signaling, the Re- ceive E3 Framer block will generate the BIP-8 Error Interrupt to the Microprocessor. Hence, it will set bit 2 (BIP-8 Error Interrupt Status) to “1”, as depicted be- low. Finally, the Receive E3 Framer block will increment the PMON Parity Error Count registers. The byte for- mat of these registers are presented below. FIGURE 199. ILLUSTRATION OF THE LOCAL RECEIVE E3 FRAMER BLOCK, TRANSMITTING AN E3 FRAME (TO THE REMOTE TERMINAL) WITH THE FEBE BIT (WITHIN THE MA BYTE-FIELD) SET TO “1” Transmit E3 Framer Receive E3 Framer Local Terminal Remote Terminal MA Byte x1xxxxxx FEBE bit RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 Not Used TTB Change Interrupt Status Not Used FEBE Interrupt Status FERF Interrupt Status BIP-8 Error Interrupt Status Framing Byte Error Interrupt Status RxPld Mis Interrupt Status RO RUR RO RUR RUR RUR RUR RUR 0 0000 000 PMON PARITY ERROR COUNT REGISTER - MSB (ADDRESS = 0X54) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 Parity Error Count - High Byte RUR RUR RUR RUR RUR RUR RUR RUR 0 0000 000 |