전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMICTLF30681QVS01 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 PMICTLF30681QVS01
상세설명  Power management IC
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMICTLF30681QVS01 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button PMICTLF30681QVS01 Datasheet HTML 5Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 6Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 7Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 8Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 9Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 10Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 11Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 12Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
2.2
Pin definitions and functions PG-VQFN-48
Pin
Symbol Function
1
AG5
Analog ground, pin 5:
Connect this pin directly to ground via a low ohmic and low inductive trace.
2
NC
Not connected:
Leave the pin floating in the application.
3
AG6
Analog ground, pin 6:
Connect this pin directly to ground via a low ohmic and low inductive trace.
4
R1BTSV Decoupling of internal supply voltage:
Connect a decoupling capacitor between this pin and R1PGx.
5
NC
Not connected:
Leave this pin floating in the application.
6
ENA
Enable input:
A valid enable condition at this pin enables the device.
7
R1VS1
High voltage regulator supply voltage, pin 1:
Connect this pin in parallel with R1VS2 and R1VS3 and then to the supply (battery)
voltage via a reverse protection diode. Additionally connect a capacitor between this
pin and ground. An EMC filter is recommended.
8
R1VS2
High voltage regulator supply voltage, pin 2:
Connect this in parallel with R1VS1 and R1VS3 and then to the supply (battery) voltage
via a reverse protection diode. Additionally connect a capacitor between this pin and
ground. An EMC filter is recommended.
9
R1VS3
High voltage regulator supply voltage, pin 3:
Connect this pin in parallel with R1VS1 and R1VS2 and then to the supply (battery)
voltage via a reverse protection diode. Additionally connect a capacitor between this
pin and ground. An EMC filter is recommended.
10
R1PG1
High voltage regulator power ground, pin 1:
Connect this pin in parallel with R1PG2 and R1PG3 and then to the Buck1 output
capacitor ground terminal to ground.
11
R1PG2
High voltage regulator power ground, pin 2:
Connect this pin in parallel with R1PG1 and R1PG3 and then to the Buck1 output
capacitor ground terminal to ground.
12
R1PG3
High voltage regulator power ground, pin 3:
Connect this pin n parallel with R1PG1 and R1PG2 and to the Buck1 output capacitor
ground terminal to ground.
13
R1SW1 High voltage regulator power stage output, pin 1:
Connect this pin in parallel with R1SW2 and R1SW3 and then to the pre-regulator Buck1
output filter inductor.
14
R1SW2 High voltage regulator power stage output, pin 2:
Connect this pin in parallel with R1SW1 and R1SW3 and then to the pre-regulator
output filter inductor.
OPTIREGPMIC TLF30681QVS01
Power management IC
Pin configuration
Datasheet
9
Rev. 1.0
2020-04-08


유사한 부품 번호 - PMICTLF30681QVS01

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
More results

유사한 설명 - PMICTLF30681QVS01

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com