전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

60N10 데이터시트(PDF) 5 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

부품명 60N10
상세설명  60A 100V N-channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
홈페이지  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

60N10 데이터시트(HTML) 5 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  60N10 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 60N10 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 60N10 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 60N10 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 60N10 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 60N10 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 60N10 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 60N10 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 60N10 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 5 of 10
B60N10
5
Typical characteristics diagrams(continues)


유사한 부품 번호 - 60N10

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
60N10 ISC-60N10 Datasheet
60Kb / 2P
   Fast Switching Speed
logo
Jiangsu Donghai Semicon...
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
713Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
More results

유사한 설명 - 60N10

제조업체부품명데이터시트상세설명
logo
Jiangsu Donghai Semicon...
F60N10 WXDH-F60N10 Datasheet
715Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
I60N10 WXDH-I60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
E60N10 WXDH-E60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
713Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
UTT60N10 UTC-UTT60N10 Datasheet
129Kb / 3P
   60A, 100V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com