전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPSA75 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MPSA75
상세설명  Darlington Transistors(PNP Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA75 데이터시트(HTML) 1 Page - ON Semiconductor

  MPSA75 Datasheet HTML 1Page - ON Semiconductor MPSA75 Datasheet HTML 2Page - ON Semiconductor MPSA75 Datasheet HTML 3Page - ON Semiconductor MPSA75 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Darlington Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
MPSA75
MPSA77
Unit
Collector – Emitter Voltage
VCES
–40
–60
Vdc
Emitter – Base Voltage
VEBO
–10
Vdc
Collector Current — Continuous
IC
–500
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
MPSA75
(IC = –100 µAdc, VBE = 0)
MPSA77
V(BR)CES
–40
–60
Vdc
Collector – Base Breakdown Voltage
MPSA75
(IC = 100 mAdc, IE = 0)
MPSA77
V(BR)CBO
–40
–60
Vdc
Collector Cutoff Current
(VCB= –30 V, IE = 0)
MPSA75
(VCB = –50 V, IE = 0)
MPSA77
ICBO
–100
–100
nAdc
Collector Cutoff Current
(VCE = –30 V, VBE = 0)
MPSA75
(VCE = –50 V, VBE = 0)
MPSA77
ICES
–500
–500
nAdc
Emitter Cutoff Current (VEB = –10 Vdc)
IEBO
–100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = –10 mA, VCE = –5.0 V)
(IC = –100 mA, VCE = –5.0 V)
hFE
10,000
10,000
Collector – Emitter Saturation Voltage (IC = –100 mA, IB = –0.1 mAdc)
VCE(sat)
–1.5
Vdc
Base – Emitter On Voltage (IC = –100 mA, VCE = –5.0 Vdc)
VBE
–2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — High Frequency (IC = –10 mA, VCE = –5.0 V, f = 100 MHz)
|hfe|
1.25
2.4
Order this document
by MPSA75/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPSA75
MPSA77
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR 3
BASE
2
EMITTER 1


유사한 부품 번호 - MPSA75

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MPSA75 MOTOROLA-MPSA75 Datasheet
131Kb / 4P
   Darlington Transistors
logo
Central Semiconductor C...
MPSA75 CENTRAL-MPSA75 Datasheet
20Kb / 1P
   Small Signal Transistors
logo
ON Semiconductor
MPSA75 ONSEMI-MPSA75 Datasheet
59Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 4
logo
Central Semiconductor C...
MPSA75 CENTRAL-MPSA75 Datasheet
661Kb / 3P
   SILICON PNP DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA75RLRA ONSEMI-MPSA75RLRA Datasheet
59Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 4
More results

유사한 설명 - MPSA75

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
   Darlington Transistors(PNP Silicon)
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
   Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com