| 전자부품 데이터시트 검색엔진 |
|
STM32G474CEU6TR 데이터시트(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CEU6TR 데이터시트(HTML) 114 Page - STMicroelectronics |
|
114 / 236 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 114/236 DS12288 Rev 5 Independent clock domain ADC1/ ADC2 independent clock domain 0.72 0.67 0.53 0.63 µA/MHz ADC3/ ADC4/ ADC5 independent clock domain 0.67 0.62 0.50 0.22 FDCAN1/ FDCAN2/ FDCAN3 independent clock domain 11.62 10.84 8.95 10.24 I2C1 independent clock domain 4.03 3.76 3.12 4.15 I2C2 independent clock domain 3.78 3.52 2.93 3.23 I2C3 independent clock domain 2.72 2.55 2.11 2.65 I2C4 independent clock domain 3.95 3.67 3.04 2.81 I2S2 independent clock domain 1.49 1.40 1.15 1.63 I2S3 independent clock domain 1.52 1.43 1.16 2.15 LPTIM1 independent clock domain 4.00 3.71 3.08 3.57 LPUART1 independent clock domain 4.43 4.13 3.45 4.02 QUADSPI independent clock domain 0.54 0.51 0.44 0.75 RNG independent clock domain 0.83 0.87 NA NA USB independent clock domain 1.10 1.17 NA NA SAI1 independent clock domain 3.36 3.14 2.58 3.25 UART4 independent clock domain 6.60 6.17 5.14 6.02 UART5 independent clock domain 6.60 6.16 5.12 6.12 USART1 independent clock domain 7.62 7.12 5.89 6.90 USART2 independent clock domain 7.37 6.86 5.70 6.72 USART3 independent clock domain 7.98 7.44 6.17 8.21 All - 369.00 316.04 266.18 325.00 µA/MHz Table 35. Peripheral current consumption (continued) Bus Peripheral Range 1 Boost mode Range 1 Normal mode Range 2 Low-power run and sleep Unit |