| 전자부품 데이터시트 검색엔진 |
|
STM32MP157DAD3T 데이터시트(PDF) 201 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157DAD3T 데이터시트(HTML) 201 Page - STMicroelectronics |
|
201 / 259 page ![]() DS12504 Rev 5 201/259 STM32MP157A/D Electrical characteristics 237 Note: ADC accuracy vs. negative injection current: injecting a negative current on any analog input pins should be avoided as this significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to analog pins which may potentially inject negative currents. Any positive injection current within the limits specified for IINJ(PIN) and ∑IINJ(PIN) in Section 6.2 does not affect the ADC accuracy. 1 28 5.5 4.0 4.5 4.7 3.5 5.6 1 29 5.5 4.1 4.5 4.8 3.5 5.8 1 30 5.5 4.3 4.5 5.0 3.5 6.0 1 31 5.5 4.4 4.5 5.2 3.5 6.2 1 32 5.5 4.6 4.5 5.3 3.5 6.4 1 33 5.5 4.7 4.5 5.5 3.5 6.6 1 34 5.5 4.9 4.5 5.7 3.5 6.8 1 35 5.5 5.0 4.5 5.8 3.5 7.0 1 36 5.5 5.1 4.5 6.0 3.5 7.2 Table 79. Minimum delay for interleaved conversion versus resolution (continued) 16-bit Mode 14-bit mode 12-bit Mode Boost Fclk (MHz) Delay ADC1/ADC2 (clock cycles) Data rate (MSPS) Delay ADC1/ADC2 (clock cycles) Data rate (MSPS) Delay ADC1/ADC2 (clock cycles) Data rate (MSPS) |