| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU6QTR 데이터시트(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU6QTR 데이터시트(HTML) 106 Page - STMicroelectronics |
|
106 / 340 page ![]() - ---- - 57 M1 2 79 - - - 57 M1 2 79 PD10 I/O FT - USART3_CK, TSC_G6_IO1, FMC_D15, SAI2_SCK_A, EVENTOUT - - ---- - 58 J11 80 - - - 58 J11 80 PD11 I/O FT - I2C4_SMBA, USART3_CTS/USART 3_NSS, TSC_G6_IO2, FMC_A16, SAI2_SD_A, LPTIM2_ETR, EVENTOUT - - ---- - 59 J12 81 - - - 59 J12 81 PD12 I/O FT _f - TIM4_CH1, I2C4_SCL, USART3_RTS/USART 3_DE, TSC_G6_IO3, FMC_A17, SAI2_FS_A, LPTIM2_IN1, EVENTOUT - - ---- - 60 H11 82 - - - 60 H11 82 PD13 I/O FT _f - TIM4_CH2, I2C4_SDA, TSC_G6_IO4, FMC_A18, LPTIM2_OUT, EVENTOUT - - ---- --- 83 - ---- 83 VSS S - - - - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |