| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU3QTR 데이터시트(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU3QTR 데이터시트(HTML) 107 Page - STMicroelectronics |
|
107 / 340 page ![]() - ---- --- 84 - ---- 84 VDD S - - - - - ---- - 61 H10 85 - - - 61 H10 85 PD14 I/O FT - TIM4_CH3, FMC_D0, EVENTOUT - - ---- - 62 H12 86 - - - 62 H12 86 PD15 I/O FT - TIM4_CH4, FMC_D1, EVENTOUT - - ---- -- G10 87 - --- G10 87 PG2 I/O FT _s - SPI1_SCK, FMC_A12, SAI2_SCK_B, EVENTOUT - - ---- -- G11 88 - --- G11 88 PG3 I/O FT _s - SPI1_MISO, FMC_A13, SAI2_FS_B, EVENTOUT - - ---- -- G9 89 - --- G9 89 PG4 I/O FT _s - SPI1_MOSI, FMC_A14, SAI2_MCLK_B, EVENTOUT - - ---- -- G12 90 - --- G12 90 PG5 I/O FT _s - SPI1_NSS, LPUART1_CTS, FMC_A15, SAI2_SD_B, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |