| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU6PTR 데이터시트(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU6PTR 데이터시트(HTML) 115 Page - STMicroelectronics |
|
115 / 340 page ![]() - ---- - 87 A7 122 - - - 87 A7 122 PD6 I/O FT - SAI1_D1, SPI3_MOSI, DFSDM1_DATIN1, USART2_RX, OCTOSPI1_IO6, FMC_NWAIT, SAI1_SD_A, EVENTOUT - - ---- - 88 D7 123 - - - 88 D7 123 PD7 I/O FT - DFSDM1_CKIN1, USART2_CK, OCTOSPI1_IO7, FMC_NCE/FMC_NE1, EVENTOUT - - - - D4 - D4 - B7 124 - - - - B7 124 PG9 I/O FT _s - SPI3_SCK, USART1_TX, FMC_NCE/FMC_NE2, SAI2_SCK_A, TIM15_CH1N, EVENTOUT - - - -C4-C4 -C7 125 - - - - C7 125 PG10 I/O FT _s - LPTIM1_IN1, SPI3_MISO, USART1_RX, FMC_NE3, SAI2_FS_A, TIM15_CH1, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |