전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCI3PTR 데이터시트(PDF) 119 Page - STMicroelectronics

부품명 STM32L552VCI3PTR
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PTR 데이터시트(HTML) 119 Page - STMicroelectronics

Back Button STM32L552VCI3PTR Datasheet HTML 115Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 116Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 117Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 118Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 119Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 120Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 121Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 122Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 340 page
background image
43
43
58
D6
59
D6
93
D5 136
43
43
59
93
D5 137
PB7
I/O
FT
_fa
-
LPTIM1_IN2,
TIM4_CH2,
TIM8_BKIN,
I2C1_SDA, I2C4_SDA,
USART1_RX,
UART4_CTS,
TSC_G2_IO4,
FMC_NL,
TIM17_CH1N,
EVENTOUT
COMP2_INM,
PVD_IN
44
44
59
D7
60
D7
94
B5
137
44
44
60
94
B5
138
PH3-
BOOT
0
I/O FT
-
EVENTOUT
-
45
45
60
C7
61
C7
95
C5 138
45
45
61
95
C5 139
PB8
I/O
FT
_f
-
TIM4_CH3, SAI1_CK1,
I2C1_SCL,
DFSDM1_CKOUT,
SDMMC1_CKIN,
FDCAN1_RX,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More