| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU3PTR 데이터시트(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU3PTR 데이터시트(HTML) 116 Page - STMicroelectronics |
|
116 / 340 page ![]() - - - E5 - E5 ---- --- M11 126 PG11 I/O FT _s - LPTIM1_IN2, OCTOSPI1_IO5, SPI3_MOSI, USART1_CTS/USART 1_NSS, SAI2_MCLK_A, TIM15_CH2, EVENTOUT - - - -B4-B4 -A6 126 - - - - A6 127 PG12 I/O FT _s - LPTIM1_ETR, SPI3_NSS, USART1_RTS/USART 1_DE, FMC_NE4, SAI2_SD_A, EVENTOUT - - - - A4 - A4 -- 127 - --- M1 0 128 PG13 I/O FT _fs - I2C1_SDA, USART1_CK, FMC_A24, EVENTOUT - - - - D5 - D5 -- 128 - --- M9 129 PG14 I/O FT _fs - I2C1_SCL, FMC_A25, EVENTOUT - - - - B8 - B8 - H9 129 - - - - H9 130 VSS S - - - - - - - A5 - A5 - D8 130 - --- D8 131 VDDIO 2 S- - - - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |