| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU6QXXX 데이터시트(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU6QXXX 데이터시트(HTML) 110 Page - STMicroelectronics |
|
110 / 340 page ![]() - - 40 G3 40 G3 66 E11 99 - - 40 66 E11 99 PC9 I/O FT _f - TRACED0, TIM8_BKIN2, TIM3_CH4, TIM8_CH4, TSC_G4_IO4, USB_NOE, SDMMC1_D1, SAI2_EXTCLK, EVENTOUT - 29 29 41 F4 41 F4 67 D12 100 29 29 41 67 D12 100 PA8 I/O FT _f - MCO, TIM1_CH1, SAI1_CK2, USART1_CK, SAI1_SCK_A, LPTIM2_OUT, EVENTOUT - 30 30 42 D1 42 D1 68 D10 101 30 30 42 68 D10 101 PA9 I/O FT _fu - TIM1_CH2, SPI2_SCK, USART1_TX, SAI1_FS_A, TIM15_BKIN, EVENTOUT - 31 31 43 E3 43 E3 69 D11 102 31 31 43 69 D11 102 PA10 I/O FT _fu - TIM1_CH3, SAI1_D1, USART1_RX, CRS_SYNC, SAI1_SD_A, TIM17_BKIN, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |