전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCU6QXXX 데이터시트(PDF) 116 Page - STMicroelectronics

부품명 STM32L552VCU6QXXX
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6QXXX 데이터시트(HTML) 116 Page - STMicroelectronics

Back Button STM32L552VCU6QXXX Datasheet HTML 112Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 113Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 114Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 115Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 116Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 117Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 118Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 119Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 340 page
background image
-
-
-
E5
-
E5
----
---
M11 126
PG11
I/O
FT
_s
-
LPTIM1_IN2,
OCTOSPI1_IO5,
SPI3_MOSI,
USART1_CTS/USART
1_NSS,
SAI2_MCLK_A,
TIM15_CH2,
EVENTOUT
-
-
-
-B4-B4
-A6
126
-
-
-
-
A6
127
PG12
I/O
FT
_s
-
LPTIM1_ETR,
SPI3_NSS,
USART1_RTS/USART
1_DE, FMC_NE4,
SAI2_SD_A,
EVENTOUT
-
-
-
-
A4
-
A4
--
127
-
---
M1
0
128
PG13
I/O
FT
_fs
-
I2C1_SDA,
USART1_CK,
FMC_A24, EVENTOUT
-
-
-
-
D5
-
D5
--
128
-
---
M9 129
PG14
I/O
FT
_fs
-
I2C1_SCL, FMC_A25,
EVENTOUT
-
-
-
-
B8
-
B8
-
H9 129
-
-
-
-
H9 130
VSS
S
-
-
-
-
-
-
-
A5
-
A5
-
D8 130
-
---
D8 131
VDDIO
2
S-
-
-
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More