전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILA4605-2 데이터시트(PDF) 2 Page - Integral Corp.

부품명 ILA4605-2
상세설명  Control IC for Switched Mode Power Supplies using MOS Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA4605-2 데이터시트(HTML) 2 Page - Integral Corp.

  ILA4605-2 Datasheet HTML 1Page - Integral Corp. ILA4605-2 Datasheet HTML 2Page - Integral Corp. ILA4605-2 Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ILA4605-2
2
Block Diagram
Reference
Voltage typ.
3V
Supply Voltage Monitor
V
6min V6A
V
6E V6max
V
REF
Current
Source
Control &
Overload
Amplifier
Primary
Current
Voltage
Converter
Start Pulse
Generator
Stop
Comparator
Logic
Output Stage
and Current
Control
Circuit
Zero
Crossing
Detector
Fold-back
Point
Correction
Primary
Voltage
Supervision
V
R
V
V
V
2B
V
ST
37
8
5
2
6
4
1
ABSOLUTE MAXIMUM RATINGS
Ta=-20 to 85oC; all voltages relatives to Vpp
Parameter
Symbol
Limit Values
Unit
Notes
min
max
Voltages
pin 1
V1
-0.3
3
V
pin 2
V2
-0.3
V
pin 3
V3
-0.3
V
pin 4
V4
-0.3
V
pin 5
V5
-0.3
V6
V
pin 6
V6
-0.3
20
V
Supply voltage
pin 7
V7
-0.3
V
Current
pin 1
I1
3
mA
pin 2
I2
3
mA
pin 3
I3
3
mA
pin 4
I4
-1.5
A
tp≤50µs; v≤0.1 *
pin 5
I5
-0.5
1.5
A
tp≤50µs; v≤0.1
pin 6
I6
0.5
A
tp≤50µs; v≤0.1
pin 7
I7
3
mA
pin 8
I8
-5
3
mA
Junction temperature
Tj
125
oC
Storage temperature
Tstg
-40
125
oC
Operating Range
Supply voltage
V6
7.5
15.5
V
IC is on
Ambient temperature
Ta
-20
85
oC
* tp= pulse width
v = duty circle


유사한 부품 번호 - ILA4605-2

제조업체부품명데이터시트상세설명
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
BASEBAND DELAY LINE
More results

유사한 설명 - ILA4605-2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
Control circuit for switched mode power supplies
November 1993
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistor
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605_03 Datasheet
119Kb / 7P
CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com