전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE9560-3QX 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 TLE9560-3QX
상세설명  DC Motor System IC
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9560-3QX 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button TLE9560-3QX Datasheet HTML 5Page - Infineon Technologies AG TLE9560-3QX Datasheet HTML 6Page - Infineon Technologies AG TLE9560-3QX Datasheet HTML 7Page - Infineon Technologies AG TLE9560-3QX Datasheet HTML 8Page - Infineon Technologies AG TLE9560-3QX Datasheet HTML 9Page - Infineon Technologies AG TLE9560-3QX Datasheet HTML 10Page - Infineon Technologies AG TLE9560-3QX Datasheet HTML 11Page - Infineon Technologies AG TLE9560-3QX Datasheet HTML 12Page - Infineon Technologies AG TLE9560-3QX Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 280 page
background image
Datasheet
9
Rev.1.0
2021-03-19
TLE9560-3QX
DC Motor System IC
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1VCC1
Voltage Regulator. Output voltage 1
2RSTN
Reset Output. Active LOW, internally passive pull-up with open-drain output
3INTN/TEST
Interrupt Output. Active LOW output, push-pull structure
TEST. Connect to GND (via pull-down) to activate Software Development Mode
4SDO
SPI Data Output to Microcontroller (=MISO). Push-pull structure
5SDI
SPI Data Input from Microcontroller (=MOSI). Internal pull-down
6GND
Ground. Analog/digital ground
7CLK
SPI Clock Input. Internal passive pull-down
VSINT 48
VSHS 47
HS4 46
HS3 45
HS2 44
N.U. 41
N.U. 40
N.U. 38
N.U. 37
TLE9560
PG-VQFN-48
13 VCAN
HS1 43
14 CANH
15 CANL
16 GND
17 LIN
19 SL
20 GL2
21 GL1
23 GH2
24 SH2
22 WK2/FO
WK4/SYNC 42
18 WK3
WK1 39


유사한 부품 번호 - TLE9560-3QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9561-3QX INFINEON-TLE9561-3QX Datasheet
7Mb / 279P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9561QX INFINEON-TLE9561QX Datasheet
6Mb / 237P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9562-3QX INFINEON-TLE9562-3QX Datasheet
8Mb / 289P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9562-3QXJ INFINEON-TLE9562-3QXJ Datasheet
8Mb / 289P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9562QX INFINEON-TLE9562QX Datasheet
7Mb / 249P
   DC Motor System IC
Rev. 1.0 2021-01-21
More results

유사한 설명 - TLE9560-3QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9561-3QX INFINEON-TLE9561-3QX Datasheet
7Mb / 279P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9562-3QX INFINEON-TLE9562-3QX Datasheet
8Mb / 289P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9562QX INFINEON-TLE9562QX Datasheet
7Mb / 249P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9562-3QXJ INFINEON-TLE9562-3QXJ Datasheet
8Mb / 289P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9561QX INFINEON-TLE9561QX Datasheet
6Mb / 237P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9564QX INFINEON-TLE9564QX Datasheet
6Mb / 228P
   BLDC Motor System IC
Rev. 1.0 2021-01-21
TLE9563-3QX INFINEON-TLE9563-3QX Datasheet
7Mb / 275P
   BLDC Motor System IC
Rev. 1.0 2021-01-21
logo
Rohm
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com