전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE9562QX 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 TLE9562QX
상세설명  DC Motor System IC
Download  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9562QX 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button TLE9562QX Datasheet HTML 6Page - Infineon Technologies AG TLE9562QX Datasheet HTML 7Page - Infineon Technologies AG TLE9562QX Datasheet HTML 8Page - Infineon Technologies AG TLE9562QX Datasheet HTML 9Page - Infineon Technologies AG TLE9562QX Datasheet HTML 10Page - Infineon Technologies AG TLE9562QX Datasheet HTML 11Page - Infineon Technologies AG TLE9562QX Datasheet HTML 12Page - Infineon Technologies AG TLE9562QX Datasheet HTML 13Page - Infineon Technologies AG TLE9562QX Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 249 page
background image
Datasheet
10
Rev.1.0
2021-01-21
TLE9562QX
DC Motor System IC
Pin Configuration
8CSN
SPI Chip Select Not input. Internal passive pull-up
9RXDLIN
Receive LIN. Push-pull structure
10
TXDLIN
Transmit LIN. Internal passive pull-up
11
TXDCAN
Transmit CAN. Internal passive pull-up
12
RXDCAN
Receive CAN. Push-pull structure
13
VCAN
HS-CAN Supply Input. For internal HS-CAN cell needed for CAN Normal Mode
14
CANH
CAN High Bus.
15
CANL
CAN Low Bus.
16
GND
Ground. Transceiver ground (CAN, LIN)
17
LIN
LIN Bus.
18
WK3
Wake-up input 3.
19
SL
Source Low Side.
20
GL2
Gate Low Side 2.
21
GL1
Gate Low Side 1.
22
WK2/FO
Wake-up input 2 or Fail Safe Output.
23
GH2
Gate High Side 2.
24
SH2
Source High Side 2.
25
SH1
Source High Side 1.
26
GH1
Gate High Side 1.
27
PWM1/CRC
PWM input 1. Internal passive pull-down
CRC. Connect to GND (via pull-down) to activate CRC functionality
28
CPC2N
Negative connection to Charge Pump Capacitor 2.
29
CPC2P
Positive connection to Charge Pump Capacitor 2.
30
CPC1P
Positive connection to Charge Pump Capacitor 1.
31
CPC1N
Negative connection to Charge Pump Capacitor 1.
32
VS
Supply voltage for Bridge Drivers and Charge pump. Connected to the
battery voltage after reverse protection.
33
CP
Charge Pump output voltage.
34
PWM3
PWM input 3. Internal passive pull-down
35
GH3
Gate High Side 3.
36
SH3
Source High Side 3.
37
SH4
Source High Side 4.
38
GH4
Gate High Side 4.
39
WK1
Wake-up input 1.
40
GL3
Gate Low Side 3.
41
GL4
Gate Low Side 4.
42
WK4/SYNC
Wake-up input 4/Sync.
43
HS1
High Side output 1.
44
HS2
High Side output 2.
Pin
Symbol
Function


유사한 부품 번호 - TLE9562QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9562-3QX INFINEON-TLE9562-3QX Datasheet
8Mb / 289P
DC Motor System IC
Rev. 1.0 2021-01-21
TLE9562-3QXJ INFINEON-TLE9562-3QXJ Datasheet
8Mb / 289P
DC Motor System IC
Rev. 1.0 2021-01-21
More results

유사한 설명 - TLE9562QX

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
DC MOTOR DRIVER IC
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
4ch System Motor Driver IC
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
4ch System Motor Driver IC
logo
Infineon Technologies A...
TLE9560-3QX INFINEON-TLE9560-3QX Datasheet
7Mb / 280P
DC Motor System IC
Rev. 1.0 2021-03-19
TLE9561-3QX INFINEON-TLE9561-3QX Datasheet
7Mb / 279P
DC Motor System IC
Rev. 1.0 2021-01-21
TLE9561QX INFINEON-TLE9561QX Datasheet
6Mb / 237P
DC Motor System IC
Rev. 1.0 2021-01-21
TLE9562-3QX INFINEON-TLE9562-3QX Datasheet
8Mb / 289P
DC Motor System IC
Rev. 1.0 2021-01-21
TLE9563-3QX INFINEON-TLE9563-3QX Datasheet
7Mb / 275P
BLDC Motor System IC
Rev. 1.0 2021-01-21
TLE9564QX INFINEON-TLE9564QX Datasheet
6Mb / 228P
BLDC Motor System IC
Rev. 1.0 2021-01-21
TLE9562-3QXJ INFINEON-TLE9562-3QXJ Datasheet
8Mb / 289P
DC Motor System IC
Rev. 1.0 2021-01-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com