전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3464T-E/ST 데이터시트(PDF) 103 Page - Microchip Technology

부품명 MCP3464T-E/ST
상세설명  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST 데이터시트(HTML) 103 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 99Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 100Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 101Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 102Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 103Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 104Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 105Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 106Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 103
MCP3461/2/4
APPENDIX A: REVISION HISTORY
Revision D (May 2021)
• Updated Electrical Characteristics table
Revision C (April 2021)
• Updated size for 20-Lead TSSOP package
throughout the document
• Updated Features
• Updated Section 2.1, Noise Specifications
• Updated Equation 2-1 and Equation 2-2
• Updated Table 2-1 and Table 2-2
Revision B (March 2020)
• Added 20-Lead TSSOP package
• Added Section 5.9.2, Partial Shutdown Mode
• Updated Electrical Characteristics table:
- Added Partial Shutdown Specs
- Added Specs for Analog and Digital Full
Shutdown at +105°C and +125°C
• Updated Figure 2-32 and Figure 2-33
• Updated Equation 5-1
Revision A (March 2019)
• Initial release of this document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com