전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

151024 데이터시트(PDF) 2 Page - Festo Corporation.

부품명 151024
상세설명  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

151024 데이터시트(HTML) 2 Page - Festo Corporation.

  151024 Datasheet HTML 1Page - Festo Corporation. 151024 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Temperature of medium
-10 °C ... 60 °C
Noise level
85 dB(A)
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-5 °C ... 40 °C
Product weight
820 g
Electrical connection
Via F coil, to be ordered separately
Type of mounting
On sub-base
With through-hole and screw
Pilot exhaust air port 82
M5
Pilot exhaust air port 84
M5
Pilot air port 12
Sub-base, size 2 as per ISO 5599-1
Pilot air port 14
Sub-base, size 2 as per ISO 5599-1
Pneumatic connection 1
Sub-base, size 2 as per ISO 5599-1
Pneumatic connection 2
Sub-base, size 2 as per ISO 5599-1
Pneumatic connection 3
Sub-base, size 2 as per ISO 5599-1
Pneumatic connection 4
Sub-base, size 2 as per ISO 5599-1
Pneumatic connection 5
Sub-base, size 2 as per ISO 5599-1
Note on materials
RoHS-compliant
Seals material
HNBR
NBR
Housing material
Die-cast aluminum
9/14/21 - Subject to change - Festo AG & Co. KG
2/2


유사한 부품 번호 - 151024

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1510240021 MOLEX11-1510240021 Datasheet
41Kb / 2P
DDR4 DIMM Socket Aerodynamic design, Vertical Press-Fit, .76m Gold Plating
1510240022 MOLEX11-1510240022 Datasheet
41Kb / 2P
DDR4 DIMM Socket Aerodynamic design, Vertical Press-Fit, .76m Gold Plating
1510240023 MOLEX11-1510240023 Datasheet
41Kb / 2P
DDR4 DIMM Socket Aerodynamic design, Vertical Press-Fit, .76m Gold Plating
1510240024 MOLEX11-1510240024 Datasheet
41Kb / 2P
DDR4 DIMM Socket Aerodynamic design, Vertical Press-Fit, .76m Gold Plating
More results

유사한 설명 - 151024

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
566993 FESTO-566993 Datasheet
103Kb / 2P
Air solenoid valve
566996 FESTO-566996 Datasheet
97Kb / 2P
Air solenoid valve
8116383 FESTO-8116383 Datasheet
83Kb / 2P
Air Solenoid valve
8116388 FESTO-8116388 Datasheet
82Kb / 2P
Air Solenoid valve
534524 FESTO-534524 Datasheet
97Kb / 2P
Air solenoid valve
534536 FESTO-534536 Datasheet
94Kb / 2P
Air solenoid valve
534540 FESTO-534540 Datasheet
92Kb / 2P
Air solenoid valve
534541 FESTO-534541 Datasheet
93Kb / 2P
Air solenoid valve
534550 FESTO-534550 Datasheet
95Kb / 2P
Air solenoid valve
534552 FESTO-534552 Datasheet
98Kb / 2P
Air solenoid valve
547124 FESTO-547124 Datasheet
96Kb / 2P
Air solenoid valve
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com