전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-MODULE 데이터시트(PDF) 3 Page - Advantech Co., Ltd.

부품명 I-MODULE
상세설명  Expansion Module for MIC-7000 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

I-MODULE 데이터시트(HTML) 3 Page - Advantech Co., Ltd.

  I-MODULE Datasheet HTML 1Page - Advantech Co., Ltd. I-MODULE Datasheet HTML 2Page - Advantech Co., Ltd. I-MODULE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.advantech.com/products
Online Download
HDD / SSD Support Table
Every model of the MIC-7000 series can be installed with one HDD or SSD. With the i-Module, the numbers of supported HDD/SSD bay are as below:
Model
In i-Module
In MIC-7000
Max. No
Note
MIC-75M10
0
1
1
MIC-75M20
MIC-75M20-01
MIC-75M11
MIC-73M20
MIC-73M11
1*
1
2
* Need to order 98R1752010E
MIC-75M40
MIC-75M13
MIC-73M13
2
1
3
With MIC-7900 or MIC-7700Q, , it can support to 3 x HDD/SDDs.
MIC-75S20
2x Hot Swap +
2x Internal
1
5
With MIC-7900, it can support up to 5 x HDD/SDDs.
With MIC-7700Q, it can support up to 4 x HDD/SDDs.
Note: i-Module BUS has only one channel SATA signal between i-Module and MIC-7000 system.
Hot Swappable HDD/SSD
Supportable i-Module: MIC-75S20
(Maximum 15mm 2.5" HDD/SSD)
Internal HDD/SSD
Supportable i-Module: MIC-75M40, MIC-75M13,
MIC-75S20, MIC-73M13, and MIC-73M40
(Support 1x 15mm 2.5" or 2x 9.6mm 2.5" HDD/SSD)
2nd HDD bracket for 2-slot i-Module
i-Module Series
Ordering information: 98R1752010E
Supportable i-Module: MIC-75M20, MIC-75M11, MIC-73M20, and MIC-73M11
Limitation: Slot 2 will be occupied
Ordering Information
Part Number
Description
MIC-75M13-00A1E
4-slot expansion i-Module with 1 PCIe x16, 3 PCI
MIC-75M40-00A1E
4-slot expansion i-Module with 1 PCIe x8, 3 PCIe x4
MIC-75M11-00A1E
2-slot expansion i-Module with 1 PCIe x16, 1 PCI
MIC-75M20-00A1E
2-slot expansion i-Module with 1 PCIe x16, 1 PCIe x4
MIC-75M20-01A1E
2-slot expansion i-Module with 2 PCIe x 8
MIC-75M10-00A1
1-slot expansion i-Module with 1 PCIex16
MIC-75S20-00A1E
2-slot expansion i-Module with 1 PCIe x16, 1 PCIe x4,
2 2.5" HDD bay
MIC-73M13-00A1E
4-slot expansion i-Module with 1 PCIe x1, 3 PCI
MIC-73M11-00A1E
2-slot expansion i-Module with 1 PCIe x1, 1 PCI
MIC-73M20-00A1E
2-slot expansion i-Module with 2 PCIe x1
Optional Accessories
Part Number
Description
98R1751300E
8-cm fan for 4-slot i-Modules
98R1752000E
2 x 4-cm fan for 2-slot i-Modules
98R1752010E
Secondary HDD bracket (for 2-slot i-Modules)
Example: MIC-75S20


유사한 부품 번호 - I-MODULE

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
logo
Extreme Networks.
I-MGBIC-LC03 EXTREMENETWORKS-I-MGBIC-LC03 Datasheet
219Kb / 11P
   High-performance 48-port 10Gb aggregation and leaf switch
16aug23
More results

유사한 설명 - I-MODULE

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
98910770300 ADVANTECH-98910770300 Datasheet
1Mb / 2P
   I/O Expansion Kit for MIC-7 Series
20-May-2020
MIC-75GF10 ADVANTECH-MIC-75GF10 Datasheet
600Kb / 2P
   MXM GPU Expansion Module for New AI Application with MIC-7 Series
3-Aug-2022
MIC-75G20 ADVANTECH-MIC-75G20 Datasheet
1Mb / 3P
   GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
2-Dec-2022
MIC-75G30 ADVANTECH-MIC-75G30 Datasheet
1Mb / 3P
   Dual GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
12-Dec-2022
logo
JDS Uniphase Corporatio...
NEM-4134 JDSU-NEM-4134 Datasheet
148Kb / 3P
   Network Expansion Module
logo
Tyco Electronics
7000-2B-380 MACOM-7000-2B-380 Datasheet
308Kb / 1P
   7000 Series Frequency Sensor
logo
Moxa Inc.
DA-UPCI-DK MOXA-DA-UPCI-DK Datasheet
664Kb / 2P
   Expansion module with a universal PCI expansion slot
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
   PCIe mini card expansion module
20-Jul-2020
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
logo
Advantech Co., Ltd.
BAS-3018 ADVANTECH-BAS-3018 Datasheet
531Kb / 1P
   8-ch UI Expansion Module
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com