| 전자부품 데이터시트 검색엔진 |
|
AS3722 데이터시트(PDF) 165 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3722 데이터시트(HTML) 165 Page - ams AG |
|
165 / 198 page ![]() ams Datasheet Page 165 [v1-01] 2015-Sep-07 Document Feedback AS3722 − Register Description Figure 195: InterruptStatus4 Figure 196: Temp_Status Addr:7bh InterruptStatus4 Bit Bit Name Default Access Bit Description 7 adc_int_i 0 SS_RC Rising and falling edge 6 occur_alarm_sd6_int_i 0 SS_RC Rising edge only 5 temp_sd6_alarm_int_i 0 SS_RC Rising and falling edge 4 temp_sd1_alarm_int_i 0 SS_RC Rising and falling edge 3 temp_sd0_alarm_int_i 0 SS_RC Rising and falling edge 2 temp_sd6_shutdown_int_i 0 SS_RC Rising and falling edge 1 temp_sd1_shutdown_int_i 0 SS_RC Rising and falling edge 0 temp_sd0_shutdown_int_i 0 SS_RC Rising and falling edge Addr:7dh Temp_Status Bit Bit Name Default Access Bit Description 0 temp_sd0_shutdown 0 POP Indicates over temperature >140deg in subdie and ovtmp reset initated if mask_ovtemp=0 Bit is reset by readout only 1 temp_sd1_shutdown 0 POP Indicates over temperature >140deg in subdie and ovtmp reset initated if mask_ovtemp=0 Bit is reset by readout only 2 temp_sd6_shutdown 0 POP Indicates over temperature >140deg in subdie of sd6 and ovtmp reset initated if mask_ovtemp=0 Bit is reset by readout only 3mask_ovtemp 0 RW Inhibit reset caused by over temperature of SD0, SD1, or SD6 0 : Over temperature of SD0, SD1, or SD6 causes reset 1 : Over temperature of SD0, SD1, or SD6 causes interrupt only 4 temp_sd0_alarm 0 R Indicates over temperature >110deg in subdie 5 temp_sd1_alarm 0 R Indicates over temperature >110deg in subdie 6 temp_sd6_alarm 0 R Indicates over temperature >110deg in subdie |