전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3722 데이터시트(PDF) 181 Page - ams AG

부품명 AS3722
상세설명  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3722 데이터시트(HTML) 181 Page - ams AG

Back Button AS3722 Datasheet HTML 177Page - ams AG AS3722 Datasheet HTML 178Page - ams AG AS3722 Datasheet HTML 179Page - ams AG AS3722 Datasheet HTML 180Page - ams AG AS3722 Datasheet HTML 181Page - ams AG AS3722 Datasheet HTML 182Page - ams AG AS3722 Datasheet HTML 183Page - ams AG AS3722 Datasheet HTML 184Page - ams AG AS3722 Datasheet HTML 185Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 198 page
background image
ams Datasheet
Page 181
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 224:
Reg0_Voltage
Figure 225:
Reg1_Voltage
Addr:eah
Reg0_Voltage
Bit
Bit Name
Default
Access
Bit Description
7:0
Reg0_voltage_stby
0
RW
This register is mapped to the register address
0h+Reg0_select, if standby is entered.
0 ..FFh : Selects voltage, ilimit, on or frequency
bits of LDO, SD or GPIOs
Addr:ebh
Reg1_Voltage
Bit
Bit Name
Default
Access
Bit Description
7:0
Reg1_voltage_stby
0
RW
This register is mapped to the register address
0h+Reg1_select, if standby is entered.
0 ..FFh : Selects voltage, ilimit, on or frequency
bits of LDO, SD or GPIOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More