전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H750IB 데이터시트(PDF) 113 Page - STMicroelectronics

부품명 STM32H750IB
상세설명  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750IB 데이터시트(HTML) 113 Page - STMicroelectronics

Back Button STM32H750IB Datasheet HTML 109Page - STMicroelectronics STM32H750IB Datasheet HTML 110Page - STMicroelectronics STM32H750IB Datasheet HTML 111Page - STMicroelectronics STM32H750IB Datasheet HTML 112Page - STMicroelectronics STM32H750IB Datasheet HTML 113Page - STMicroelectronics STM32H750IB Datasheet HTML 114Page - STMicroelectronics STM32H750IB Datasheet HTML 115Page - STMicroelectronics STM32H750IB Datasheet HTML 116Page - STMicroelectronics STM32H750IB Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 335 page
background image
DS12556 Rev 5
113/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Electrical characteristics (rev Y)
311
APB2
TIM1
5.1
4.8
4.3
µA/MHz
TIM8
5.4
4.9
4.6
USART1 registers
2.7
2.6
2.5
USART1 kernel
0.1
0.1
0.1
USART6 registers
2.6
2.5
2.5
USART6 kernel
0.1
0.1
0.1
SPI1 registers
1.8
1.6
1.6
SPI1 kernel
1
0.8
0.6
SPI4 registers
1.6
1.5
1.5
SPI4 kernel
0.5
0.4
0.4
TIM15
3.1
2.8
2.7
TIM16
2.4
2.1
2.1
TIM17
2.2
2
1.9
SPI5 registers
1.8
1.7
1.7
SPI5 kernel
0.6
0.5
0.3
SAI1 registers
1.5
1.4
1.4
SAI1 kernel
2
1.7
1.5
SAI2 registers
1.5
1.5
1.3
SAI2 kernel
2.2
1.9
1.8
SAI3 registers
1.8
1.6
1.6
SAI3 kernel
2.5
2.3
2.1
DFSDM1 registers
6
5.4
5.2
DFSDM1 kernel
0.9
0.8
0.7
HRTIM
403735
Bridge APB2
0.1
0.1
0.1
Table 37. Peripheral current consumption in Run mode (continued)
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More