전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5120 데이터시트(PDF) 5 Page - Schurter Inc.

부품명 5120
상세설명  IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5120 데이터시트(HTML) 5 Page - Schurter Inc.

  5120_V02 Datasheet HTML 1Page - Schurter Inc. 5120_V02 Datasheet HTML 2Page - Schurter Inc. 5120_V02 Datasheet HTML 3Page - Schurter Inc. 5120_V02 Datasheet HTML 4Page - Schurter Inc. 5120_V02 Datasheet HTML 5Page - Schurter Inc. 5120_V02 Datasheet HTML 6Page - Schurter Inc. 5120_V02 Datasheet HTML 7Page - Schurter Inc. 5120_V02 Datasheet HTML 8Page - Schurter Inc. 5120_V02 Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Power Entry Modules with Line Filter
5120
https://www.schurter.com /PG06
EMC Products
PCB rear side mounting, protection class II
2.9
12
39.5
40
48.6
M3
30.8
27
15.5
30.5
40
max.R3
±0.10
ø3.6
±0.10
12±0.10
Screw and snap-in mounting with flexible wire
2.9
13
39.5
54.9
48.6
150
46.1
30.5
40
max.R3
max.R1.5
±0.10
29.4 ±0.10
ø3.6
±0.10
29
40
max.R3
±0.10
M3
±0.10
1)
2)
4)
3)
5)
M3
40
1) Flexible wire, standard length 150 mm or special length on request
2) Nonexistent for protection class II
3) Panel cut-out screw-on version, back-side mounting
4) Panel cut-out screw-on version, front- or back-side mounting
5) Panel cut-out snap-in version, front-side mounting


유사한 부품 번호 - 5120_V02

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
More results

유사한 설명 - 5120_V02

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120 Datasheet
881Kb / 6P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5123 SCHURTER-5123_V01 Datasheet
1Mb / 10P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
5123 SCHURTER-5123_V02 Datasheet
1Mb / 10P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
04.01.2022
5123 SCHURTER-5123 Datasheet
1Mb / 9P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
FGS SCHURTER-FGS Datasheet
513Kb / 4P
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com